Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C05 Datasheet(PDF) 9 Page - Sames

Part # 78C05
Description  Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

78C05 Datasheet(HTML) 9 Page - Sames

Back Button 78C05 Datasheet HTML 2Page - Sames 78C05 Datasheet HTML 3Page - Sames 78C05 Datasheet HTML 4Page - Sames 78C05 Datasheet HTML 5Page - Sames 78C05 Datasheet HTML 6Page - Sames 78C05 Datasheet HTML 7Page - Sames 78C05 Datasheet HTML 8Page - Sames 78C05 Datasheet HTML 9Page - Sames 78C05 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
sames
sames
SA2007H
http://www.sames.co.za
Item
Description
Detail
SA2007H
DIP-20/SOIC-20
Parts List for Application Circuit: Figure 8
Note 1: Resistor (R10, R11, R12 and R13) values are dependent upon the selected value of R8 and R9
Note 2: See TYPICAL APPLICATION when selected the value of R8 and R9.
Note 3: Capacitor (C4) to be positioned as closed to Supply Pins (V
& V ) of U-1, as possible.
DD
SS
Note 4: Capacitor (C1) selected to minimize phase error introduced by current transformer (typically 1.5µF for normal CTs)
Symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
U2
D1
D2
D3
D4
R1
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
C1
C2
C3
C4
C5
C6
CT1
CT2
T1
U1
R2
Diode, Silicon 1N4148
Diode, Silicon 1N4148
Diode, Silicon 1N4148
Resistor, 100k, 1/4W, 1%, metal
Resistor, 100k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 10W, 2W, Wire wound
Resistor, 24k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 3.6W, 1/4W, 1%, metal
Resistor, 3.6W, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 1k, 1/4W
Resistor, 1k, 1/4W
Capacitor
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 2200µF, 25V, electrolytic
Capacitor, 820nF
Capacitor, 100µF, 16V, electrolytic
Current Transformer
Current Transformer
Transformer, 230V/9V
78LC05, Voltage regulator
400V, Metal oxide varistor
Note 1
Note 1
Note 3
Diode, Silicon 1N4148
TZ1
Note 4
Note 1
Note 1
Note 2
Note 2
or Similar
or Similar
or Similar
or Similar
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com