Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C05 Datasheet(PDF) 2 Page - Sames

Part # 78C05
Description  Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

78C05 Datasheet(HTML) 2 Page - Sames

  78C05 Datasheet HTML 1Page - Sames 78C05 Datasheet HTML 2Page - Sames 78C05 Datasheet HTML 3Page - Sames 78C05 Datasheet HTML 4Page - Sames 78C05 Datasheet HTML 5Page - Sames 78C05 Datasheet HTML 6Page - Sames 78C05 Datasheet HTML 7Page - Sames 78C05 Datasheet HTML 8Page - Sames 78C05 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
sames
sames
SA2007H
2/10
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-25
+85
°C
O
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
#Extended Operating Temperature Range available on request.
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
At rated input conditions
Specified linearity
Min and Max frequency
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
6
5
mA
I
SS
6
5
mA
Pins TCLK, TEST, OMODE, RP
Input High Voltage
Input Low Voltage
V
V
V-1
DD
V+1
SS
Pins P1, P2, D1, D2, FMO, INT
Output High Voltage
Output Low Voltage
V
V
V
OH
V
OL
V-1
DD
V+1
SS
Pulse Width P1, P2
µs
µs
With R = 24kW
connected to V
SS
Reference to V
SS
Pin VREF
Ref. Current
Ref. Voltage
µA
V
45
1.1
55
1.3
-I
R
V
R
50
Hz
Hz
Hz
5
0
Pulse Rate P1, P2
I
= -2mA
OH
I
= 5mA
OL
Digital I/O
Operating temp. Range
Supply Voltage: Positive
Supply Voltage: Negative
Supply Current: Negative
Supply Current: Positive
Current Sensor Inputs (Differential)
Voltage Sensor Input (Asymmetrical)
Input Current Range
Input Current Range
f
p
Positive energy flow
Negative energy
V
IH
V
IL
1600
3000
1360
t
pp
t
pn
71.55
143.1
PRELIMINARY
Pins TCLK, TEST, RP, OMODE
Pull down current
µA
VV
1 =
DD
I
IL
48
110



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com