Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C05 Datasheet(PDF) 3 Page - Sames

Part # 78C05
Description  Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

78C05 Datasheet(HTML) 3 Page - Sames

  78C05 Datasheet HTML 1Page - Sames 78C05 Datasheet HTML 2Page - Sames 78C05 Datasheet HTML 3Page - Sames 78C05 Datasheet HTML 4Page - Sames 78C05 Datasheet HTML 5Page - Sames 78C05 Datasheet HTML 6Page - Sames 78C05 Datasheet HTML 7Page - Sames 78C05 Datasheet HTML 8Page - Sames 78C05 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
sames
sames
SA2007H
http://www.sames.co.za
Figure 2: Pin connections: Package: DIP-20, SOIC-20
Part Number
SA2007HPA
SA2007HSA
Package
DIP-20
SOIC-20
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The voltage to this pin should be mid-way between V
and V .
DD
SS
Positive supply voltage. The voltage to this pin is typically +2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a +5V supply can be applied.
Description
PIN
20
8
Negative supply voltage. The voltage to this pin is typically -2.5V if a shunt resistor is used for
current sensing or in the case of a current transformer a 0V supply can be applied.
14
Analog Input for Voltage. The current into the A/D converter should be set at 14µA
at
RMS
nominal mains voltage. The voltage sense input saturates at an input current of ±25µA peak.
19
Inputs for current sensor - Channel 1 and Channel 2. The shunt resistor voltage from each
channel is converted to a current of 16µA
at rated conditions. The current sense input
RMS
saturates at an input current of ±25µA peak.
1, 2,
3, 4
This pin provides the connection for the reference current setting resistor. A 24kW resistor
connected to V
sets the optimum operating condition.
SS
5
This logic input is used to select between latched or unlatched condition for the pulse and
direction outputs.
6
A logic input is used to reset the latched outputs which is required after an interrupt has
occurred.
7
The zero crossover of the voltage sense input is signaled on this pin.
9
Configure / Test inputs. For normal operations these pins must be connected to V .
SS
10, 15
This logic output will indicate a change in status of the pulse or direction outputs.
12
Pulse outputs. The P1 and P2 outputs give instantaneous pulse outputs of channel 1 and
channel 2 respectively. The pulse is active low with a pulse width of 71.5µs for positive energy
and doubles for reverse energy.
17, 13
Direction output. These outputs indicate the energy flow direction of each channel.
18, 16
No Connection.
11
DR-01620
1
IIN1
AGND
D2
IIP1
IVP
TEST
IIN2
D1
VSS
IIP2
VREF
OMODE
RP
VDD
P1
P2
INT
NC
TCLK
FMO
2
3
4
5
6
15
14
13
12
11
10
9
8
7
16
17
18
19
20
AGND
V
DD
Designation
V
SS
IVP
IIN1, IIP1
IIN2, IIP2
VREF
OMODE
RP
FMO
TCLK, TEST
INT
P1, P2
D1, D2
NC
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com