Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C05 Datasheet(PDF) 1 Page - Sames

Part # 78C05
Description  Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

78C05 Datasheet(HTML) 1 Page - Sames

  78C05 Datasheet HTML 1Page - Sames 78C05 Datasheet HTML 2Page - Sames 78C05 Datasheet HTML 3Page - Sames 78C05 Datasheet HTML 4Page - Sames 78C05 Datasheet HTML 5Page - Sames 78C05 Datasheet HTML 6Page - Sames 78C05 Datasheet HTML 7Page - Sames 78C05 Datasheet HTML 8Page - Sames 78C05 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
+ Two current sensor inputs
+ Dual pulse and energy direction outputs
+ No external crystal or resonator required
+ Performs bi-directional power and energy measurement
+ Meets the IEC 521/1036 Specification for Class 1 AC Watt
hour meters
sames
sames
Single Phase Bidirectional Dual Element
Power/Energy Metering IC with Pulse Output
SA2007H
1/10
SPEC-0116 (REV. 1)
15-01-01
+ Protected against ESD
+ Total power consumption rating below 25mW
+ Adaptable to different types of sensors
+ Operates over a wide temperature range
+ Precision voltage reference on-chip
DESCRIPTION
The SAMES SA2007H is a single phase bidirectional dual
element energy metering integrated circuit. It provides a
simple analog interface to a micro-controller and is specifically
designed for meter manufacturers to have full control over the
meter functionality.
The SA2007H has two current sensor inputs. The power
consumption on both inputs are continuously measured. A
typical application would be to monitor Live and Neutral lines
for tamper detection.
For each current sensor input the SA2007H integrated circuit
has a corresponding pulse output, each generating a pulse
rate with a frequency proportional to the power consumption
measured on the specific channel.
The SA2007H performs active power measurement and takes
the power factor into account. Energy consumption can be
determined by the power measurement being integrated over
time. The energy flow direction information is also available for
each channel.
Figure 1: Block diagram
OUTPUT
CONTROL
POWER TO
PULSE RATE
POWER TO
PULSE RATE
CURRENT
CHANNEL 1
VOLTAGE
CURRENT
CHANNEL 2
VOLTAGE
REF.
OSC
TIMING
IIP1
IIN1
IVP
AGND
IIP2
IIN2
P1
D1
P2
D2
RP
OMODE
INT
TEST
TCLK
VREF
V
DD
V
SS
X
X
FMO
POWER 2
POWER 1
dr-01623
PRELIMINARY


Similar Part No. - 78C05

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
78C08SRAT GRAYHILL-78C08SRAT Datasheet
233Kb / 1P
Thru-Hole DIP Switches
More results

Similar Description - 78C05

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Integral Corp.
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com