Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C05 Datasheet(PDF) 5 Page - Sames

Part # 78C05
Description  Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

78C05 Datasheet(HTML) 5 Page - Sames

  78C05 Datasheet HTML 1Page - Sames 78C05 Datasheet HTML 2Page - Sames 78C05 Datasheet HTML 3Page - Sames 78C05 Datasheet HTML 4Page - Sames 78C05 Datasheet HTML 5Page - Sames 78C05 Datasheet HTML 6Page - Sames 78C05 Datasheet HTML 7Page - Sames 78C05 Datasheet HTML 8Page - Sames 78C05 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
sames
sames
SA2007H
http://www.sames.co.za
INPUT SIGNALS
Voltage reference (VREF)
A bias resistor of 24kW sets optimum bias conditions on chip.
Calibration of the SA2007H should be done in the micro-
controllers software.
Output Mode (OMODE)
The output behavior of the SA2007H is selectable between
fixed width outputs or latched outputs. In fixed width mode the
P1 and P2 output pulses stay at a fixed width. In latched mode
the status of P1 and P2 are cleared with a logic 1 on the RP pin.
Refer to the “Output signals in latched mode” section (Page 6)
for further information.
OUTPUT SIGNALS
Pulse outputs (P1, P2)
The output on P1 and P2 is a pulse density signal representing
the instantaneous power/energy measurement as shown in
figure 4. The pulse width t on P1 and P2 change with the
p
direction of energy measurement t is 71.5µs for positive
p
energy and doubles (143µS) if negative energy is measured.
The output frequency may be calculated using the following
formula:
2
f = 11.16 x FOUT x ( I x I ) / I
IV
R
Where:
FOUT=
Typical rated output frequency (1360Hz)
I
=
Input current on current sense input (16µA at rated
I
conditions)
I
=
Input current on voltage sense input (14µA at rated
V
conditions)
I
=
Reference current on VREF typically 50µA
R
An integrated anti-creep function does not allow output pulses
on P1 or P2 if no power is measured by the device.
Figure 4: FOUT instantaneous pulse output
POWER
DR-01282
FOUT
V x I
vMAINS
P
t
t
t
t
OMODE
Description
0
1
Fixed width mode
Latched mode
Clear Interrupt (RP)
A logic 1 on the RP input is used to clear the interrupt
generated by the SA2007H when a pulse is generated on P1
or P2, while
operating in latched mode. By clearing the
interrupt in latched mode the status of the pulse outputs will
also be cleared.
Test Inputs (TEST, TCLK)
For normal operations these pins must be connected to V .
SS
Direction indication (D1, D2)
The SA2007H provides information about the energy flow
direction of both current channels separately on pins D1 and
D2.
Logic 0 on pin D1 or D2 indicates reverse energy flow of that
particular channel. Reverse energy flow is defined as the
condition where the voltage sense input and current sense
input are out of phase (greater than 90 degrees).
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com