Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602M Datasheet(PDF) 8 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 8 Page - Sames

Back Button SA9602M Datasheet HTML 4Page - Sames SA9602M Datasheet HTML 5Page - Sames SA9602M Datasheet HTML 6Page - Sames SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames SA9602M Datasheet HTML 10Page - Sames SA9602M Datasheet HTML 11Page - Sames SA9602M Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SA9602M
8/16
sames
The pulse rate of the LED output is fixed at 1000 pulses/kWh when MD = 1. This
high rate of pulses is preferred for such tasks as calibration, verification and
monitoring of consumption rate. The LED waveform is as shown below:
LED PULSE OUTPUT
6.
Direction, Indication and Selection
The SA9602M provides information on the energy flow direction on pin DIRO.
A logic 0 on pin DIRO indicates reverse energy flow. Reverse energy flow is defined
as the condition where the voltage sense input and current sense input are out of
phase.
Positive energy flow, when voltage sense and current sense input are in phase, is
indicated on pin DIRO a logic 1.
The DIRO pin may be used to drive a LED in order to indicate reverse energy.
DIRECTION INDICATION
Signal Output
Value
Description
0
1
Reverse energy flow
Forward energy flow
DIRO
Signal
0
1
t
LED
71.4µs
10ms
Motor driver configuration, MD
LED PULSE WIDTH
SS
DD
LE D
dr-01332
V
V
t LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com