Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602M Datasheet(PDF) 9 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 9 Page - Sames

Back Button SA9602M Datasheet HTML 5Page - Sames SA9602M Datasheet HTML 6Page - Sames SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames SA9602M Datasheet HTML 10Page - Sames SA9602M Datasheet HTML 11Page - Sames SA9602M Datasheet HTML 12Page - Sames SA9602M Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SA9602M
sames
9/16
DIRECTION SELECTION
Signal Input DIRI
0
1
DIRO
Description
Motor pulses only for
reverse energy
Motor pulses only for
forward energy
Motor pulse for
bidirectional energy
Condition
Default pull up input
DIRO connected to
DIRI
7.
Rated Condition Select
The user selectable output frequencies for the MOTOR output and LED pulse rate
will allow a meter manufacturer to build meters for a 5-4-3-2 scaling ratio of rated
current.
The table below shows the various options which can be selected using pins R0 and
R1.
RATED CONDITION SELECT
Rated Conditions
230V / 40A
230V / 60A
230V / 80A
230V / 100A
LED Output (1000
pulses/kWh)
2.55Hz
3.83Hz
5.11Hz
6.39Hz
Scaling of the frequency for the MOTOR drive output pulses takes effect in the
same manner as shown for the LED output pulse rate.
This feature is particularly useful in circumstances where a manufacturer requires
a meter for use in a system rated for two different conditions, for exampe 230V/80A
and 230V/40A. Previously such a requirement would have necessitated alteration
of both the input current sensing resistors and the output measuring/counting block.
With the rated condition select, using R0 and R1, the SA9602M allows for the
development of different rated meters requiring minimal changes.
The SA9602M allows selection of the form of energy to be measured: forward
energy, reverse energy, or bidirectional energy. Selection is achieved by means of
the DIRI input. A table of possible settings for DIRI is shown below:
R1
0
0
1
1
MD
1
1
1
1
R0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com