Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602M Datasheet(PDF) 4 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 4 Page - Sames

  SA9602M Datasheet HTML 1Page - Sames SA9602M Datasheet HTML 2Page - Sames SA9602M Datasheet HTML 3Page - Sames SA9602M Datasheet HTML 4Page - Sames SA9602M Datasheet HTML 5Page - Sames SA9602M Datasheet HTML 6Page - Sames SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SA9602M
4/16
sames
Pin
Designation
Description
20
GND
Ground
8
V
DD
Positive Supply Voltage
14
V
SS
Negative Supply Voltage
19
IVP
Analog input for Voltage
1
IIN
Inputs for current sensor
2
IIP
3
VREF
Connection for current setting resistor
11
OSC1
Connections for crystal or ceramic resonator
10
OSC2
(OSC1 = Input ; OSC2 = Output)
12
MOTOR
Pulse rate output
13
LED
Pulse rate output
4
R1
Rated conditions select
5R0
6
MP1
Motor pulse rate select
7
MP0
18
DIRI
Direction input
17
DIRO
Direction output
16
MPW
Motor pulse width select
15
MD
Motor driver configuration select
9
TEST
Manufacturer test pin. Connect to V
SS for
normal operation.
ELECTRICAL CHARACTERISTICS (Continued)
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#, unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Pin MD, MPW
Pull down
V
IH
V
DD-1
V
V
IL
V
SS+1
V
Pin VREF
With R = 24k
Ω
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
Oscillator
Recommended crystal:
TV colour burst crystal f = 3.5795 MHz
#
Extended Operating Temperature Range available on request.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com