Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602M Datasheet(PDF) 3 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 3 Page - Sames

  SA9602M Datasheet HTML 1Page - Sames SA9602M Datasheet HTML 2Page - Sames SA9602M Datasheet HTML 3Page - Sames SA9602M Datasheet HTML 4Page - Sames SA9602M Datasheet HTML 5Page - Sames SA9602M Datasheet HTML 6Page - Sames SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SA9602M
sames
3/16
ELECTRICAL CHARACTERISTICS
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#, unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Operating temp. range
T
o
-25
+85
°C
Supply Voltage: Positive
V
DD
2.25
2.75
V
Supply Voltage: Negative
V
SS
-2.75
-2.25
V
Supply Current: Positive
I
DD
56
mA
Supply Current: Negative
I
SS
56
mA
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA
Peak value
Voltage Sensor Input (Asymmetrical)
Input Current Range
I
IV
-25
+25
µA
Peak value
Pin R0, R1,
Pull down
Input High Voltage
V
IH
V
DD-1
V
Input Low Voltage
V
IL
V
SS+1
V
Pin MP0, MP1
Pull down
Input High Voltage
V
IH
V
DD-1
V
Input Low Voltage
V
IL
V
SS+1
V
Pin MOTOR
Tri-state
V
OH
V
DD-1
V
V
OL
V
SS+1
V
Pin DIRO
Output High Voltage
V
OH
V
DD-1
V
I
OH = -2mA
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA
Pin DIRI
Pull up
Input High Voltage
V
IH
V
DD-1
V
Input Low Voltage
V
IL
V
SS+1
V
Pin LED
Output High Voltage
V
DH
V
DD-1
V
I
OH = -2mA
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com