Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602M Datasheet(PDF) 1 Page - Sames

Part # SA9602M
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602M Datasheet(HTML) 1 Page - Sames

  SA9602M Datasheet HTML 1Page - Sames SA9602M Datasheet HTML 2Page - Sames SA9602M Datasheet HTML 3Page - Sames SA9602M Datasheet HTML 4Page - Sames SA9602M Datasheet HTML 5Page - Sames SA9602M Datasheet HTML 6Page - Sames SA9602M Datasheet HTML 7Page - Sames SA9602M Datasheet HTML 8Page - Sames SA9602M Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SINGLE PHASE POWER/ENERGY METERING IC WITH
SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY
APPLICATIONS
sames
1/16
SA9602M
7130
PDS039-SA9602M-001
REV. B
9-09-97
FEATURES
n
Provides ease of interface to systems
employing a mechanical counter
n
Performs bidirectional power and
energy measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Protected against ESD
n
Allows selection of motor driver
configuration
n
Total power consumption rating below
25mW
n
Adaptable to different types of current
sensors
n
Operates over a wide temperature range
n
Precision voltage reference on-chip
n
Selectable pulse rate
n
Scaling of rated conditions provides
ease of implementation for meter
manufactured.
DESCRIPTION
The
SAMES SA9602M Single Phase
bidirectional Power/Energy metering inte-
grated circuit generates a pulse rate output,
the frequency of which is proportional to
the power consumption. The SA9602M
performs the calculation for active power.
The method of calculation takes the power
factor into account.
Energy consumption can be determined by
counting output pulses. The pulse rate for
a particular application is selected according
to the status of inputs MP0 and MP1.
This innovative universal single phase
power/energy metering integrated circuit is
ideally suited for energy calculations in
applications utilizing a mechanical display.
The SA9602M integrated circuit is available
in 20 pin dual-in-line plastic (DIP-20), as
well as 20 pin small outline (SOIC-20)
package types.
PIN CONNECTIONS
Package:
DIP-20
SOIC-20
D R -0132 8
7
MP 0
OS C 2
V
TEST
DD
9
10
8
VR E F
IIP
IIN
R1
R0
MP 1
3
6
4
5
2
1
14
VSS
MO TO R
LE D
OS C 1
11
12
13
MP W
DIRO
DIRI
IV P
GN D
MD
18
15
16
17
19
20


Similar Part No. - SA9602M

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9602M

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Integral Corp.
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com