Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2139 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KA2139
Description  3 CHANNEL R.G.B VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2139 Datasheet(HTML) 5 Page - Samsung semiconductor

  KA2139 Datasheet HTML 1Page - Samsung semiconductor KA2139 Datasheet HTML 2Page - Samsung semiconductor KA2139 Datasheet HTML 3Page - Samsung semiconductor KA2139 Datasheet HTML 4Page - Samsung semiconductor KA2139 Datasheet HTML 5Page - Samsung semiconductor KA2139 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KA2139
VIDEO AMPLIFIER FOR MONITOR
TEST CIRCUIT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
KA2139
0.1
µF 0.1µF
0.1
µF
+
5
µF
+
5
µF
10K
Ω
10K
Ω
0.1
µF
0.1
µF
A
0.1
µF
A
0.1
µF
50
Ω
A
RIN
50
Ω
+
0.1
µF
10K
Ω
5
µF
BIN
50
Ω
+
0.1
µF
5
µF
10K
Ω
10K
Ω
100
Ω
100
Ω
0.1
µF
VCC
12V
0.1
µF
100
Ω
10K
Ω
10K
Ω
0.1
µF
100
Ω
330
Ω
100
Ω 0.1µF
10K
Ω
330
Ω
0.1
µF
+
0.1
µF
47
µF
A
A
10K
Ω
R
OUT
G
OUT
B
OUT
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com