Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2139 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA2139
Description  3 CHANNEL R.G.B VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2139 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA2139 Datasheet HTML 1Page - Samsung semiconductor KA2139 Datasheet HTML 2Page - Samsung semiconductor KA2139 Datasheet HTML 3Page - Samsung semiconductor KA2139 Datasheet HTML 4Page - Samsung semiconductor KA2139 Datasheet HTML 5Page - Samsung semiconductor KA2139 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA2139
VIDEO AMPLIFIER FOR MONITOR
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA = 25
°C, unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
ICC
75
90.0
105
mA
R,G,B CH Output Voltage 1
VH 16,20,25
VCC = 12V
1.9
2.0
2.1
V
R,G,B CH Output Voltage 2
VH 16,20,25
V24 = 2V
3.9
4.0
4.1
V
Input Reference Voltage
VREF
V12 = 6V
2.0
2.4
2.8
V
R,G,B Input Bias Current
Iin
V14 = 0V
-
5.0
20.0
µA
Clamp Gate Low Input Voltage
V14L
V14 Variable
0.8
1.2
-
V
Clamp Gate High Input Voltage
V14H
V14 Variable
-
1.6
2.0
V
Clamp Gate Low Input Current
IgateL
V14 = 0V
-5.0
-5.0
-
µA
Clamp Gate High Input Current
IgateH
V14 = 12V
-
0.05
1.0
µA
R,G,B Clamp CAP.
Charge Current
Iclamp(+)
Vclamp cap. = 0V
0.5
0.85
1.2
mA
R,G,B Clamp CAP.
Discharge Current
Iclamp(-)
Vclamp cap. = 5V
-0.5
-0.85
-1.2
mA
R,G,B Output Low Voltage
VOL 16,20,25
Vclamp = 0V
-
1.0
1.4
V
R,G,B Output High Voltage
VOH 16,20,25
Vclamp = 5V
8.0
8.5
-
V
Contrast Capacitor Voltage 1
Vcon1
Measure the
contrast
4.8
5.2
5.6
V
Contrast Capacitor Voltage 2
Vcon2
capacitor voltage
4.8
5.2
5.6
V
R,G,B Output DC Offset
Low Voltage
∆VR-GL
V24 = 2V
-50
0
50
mV
R,G,B Output DC Offset
High Voltage
∆VR-GH
V24 = 4V
-50
0
50
mV
R,G,B Video Amp. Gain 1
AVmax
V12 = 12V,
Vin
= 0.56
VP.P
13.1
15.6
18.1
dB
R,G,B Video Amp. Gain 2
∆AV5
V12 = 5V
-5
-10.0
-1.5
dB
R,G,B Video Amp. Gain 3
∆AV2
V12 = 2V
-30
-40.0
-50
dB
R,G,B Output Gain Difference 1
∆AVR-G
V12 = 12V
VIN = 1.0VP.P
-1.0
0
1.0
dB
R,G,B Output Gain VAR. 1
∆AVR-G1
V12 = 5V
-1.0
0
1.0
dB
R,G,B Output Gain VAR. 2
∆AVR-G2
V12 = 2V
-3.0
0
3.0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com