Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2139 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA2139
Description  3 CHANNEL R.G.B VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2139 Datasheet(HTML) 1 Page - Samsung semiconductor

  KA2139 Datasheet HTML 1Page - Samsung semiconductor KA2139 Datasheet HTML 2Page - Samsung semiconductor KA2139 Datasheet HTML 3Page - Samsung semiconductor KA2139 Datasheet HTML 4Page - Samsung semiconductor KA2139 Datasheet HTML 5Page - Samsung semiconductor KA2139 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KA2139
VIDEO AMPLIFIER FOR MONITOR
3 CHANNEL R.G.B VIDEO AMPLIFIER
The KA2l39 is a monolithic integrated circuit for processing
the R,G,B video in high resolution CRT display.
It contains 3 channel video amplifier, black level clamp
comparator for brightness control and DC control attenuator
for contrast control, this device is suitable for monitor.
FUNCTIONS
• R. G. B amplifier
• Contrast control
• Clamp & brIghtness circuit
• Vref. circuit
FEATURES
• 3 Channel R.G.B video amplifier (f.
-3DB =7OMHz:Typ)
• Superior linearity contrast control
• Black level clamp comparator for
brightness control
• Built-in clamp gate circuit to operate the
clamp comparator at black level
• Vref 2.4V bandgap circuit
BLOCK DIAGRAM
Device
Package Operating Temperature
KA2139
28 DIP
-20
°C ~ +70°C
28-DIP-600A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
gm
A1
+ -
RED
gm
A1
gm
A1
+ -
+ -
BLUE
GREEN
CONTRAST
CONTROL
Vref
2.4V
A2
A2
A2
1.4
V
ORDERING INFORMATION


Similar Part No. - KA2139

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2130A SAMSUNG-KA2130A Datasheet
146Kb / 3P
LINEAR INTEGRATED CIRCUIT
KA2131 SAMSUNG-KA2131 Datasheet
96Kb / 4P
TV VERTICAL OUTPUT CIRCUIT
logo
List of Unclassifed Man...
KA2131 ETC2-KA2131 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Samsung semiconductor
KA2133 SAMSUNG-KA2133 Datasheet
95Kb / 3P
1-CHIP DEFLECTION SYSTEM
KA2135 SAMSUNG-KA2135 Datasheet
116Kb / 4P
HORIZONTAL SIGNAL PROCESSING
More results

Similar Description - KA2139

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51387P MITSUBISHI-M51387P Datasheet
593Kb / 20P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY
M52307P MITSUBISHI-M52307P Datasheet
548Kb / 17P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY?
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
3-CHANNEL VIDEO AMPLIFICATION
logo
Daewoo Semiconductor
DBL2056 DAEWOO-DBL2056 Datasheet
247Kb / 5P
R.G.B VIDEO PROCESSOR FOR MONITOR
logo
New Japan Radio
NJM41045 NJRC-NJM41045 Datasheet
235Kb / 8P
400MHz 3-channel Video Amplifier
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
Nippon Precision Circui...
SM5307A NPC-SM5307A Datasheet
207Kb / 13P
3-channel Video Buffer
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
3-channel Video Buffer
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
3-Channel, Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
3-Channel, Video Filter Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com