Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2139 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2139
Description  3 CHANNEL R.G.B VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2139 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2139 Datasheet HTML 1Page - Samsung semiconductor KA2139 Datasheet HTML 2Page - Samsung semiconductor KA2139 Datasheet HTML 3Page - Samsung semiconductor KA2139 Datasheet HTML 4Page - Samsung semiconductor KA2139 Datasheet HTML 5Page - Samsung semiconductor KA2139 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA2139
VIDEO AMPLIFIER FOR MONITOR
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
No
Symbol
Description
No
Symbol
Description
1
VCC1
Power supply 1
15
BCLAMP(+)
B brightness control
2
CONCAP1
Contrast capacitor 1
16
BOUT
B channel output
3
CONCAP2
Contrast capacitor 2
17
BCLAMP(-)
B-CH clamp feedback
4
RIN
R channel input
18
BDREVE
B-CH drive output
5
RCAP
R-CH comparator cap.
19
GCLAMP(+)
G brightness control
6
GIN
G channel input
20
GOUT
G channel output
7
GND
Ground
21
GCLAMP(-)
G-CH clamp feedback
8
GCAP
G-CH comparator cap.
22
GDRIVE
G-CH drive output
9
BIN
B channel input
23
VCC2
Power supply 2
10
BCAP
B-CH comparator cap.
24
RCLAMP(+)
R brightness control
11
VREF
R,G,B amp. offset voltage
25
ROUT
R channel output
12
CON
Contrast control
26
RCLAMP(-)
R-CH clamp feedback
13
VCC1
Power supply 1
27
RDRIVE
R-CH drive output
14
GATEIN
Clamp gate input
28
VCC1
Power supply 1
Characteristics
Symbol
Value
Unit
Maximum Supply Voltage
Maximum Supply Current
Operating Voltage
Maximum Power Dissipation
Storage Temperature
Operating Temperature
VCCmax
lCCmax
VCCopr
PDmax
TSTG
TOPR
13.5
105.0
10.8~13.2
2.5
- 55~+150
- 20~ + 70
V
mA
V
w
°C
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com