Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2139 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA2139
Description  3 CHANNEL R.G.B VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2139 Datasheet(HTML) 4 Page - Samsung semiconductor

  KA2139 Datasheet HTML 1Page - Samsung semiconductor KA2139 Datasheet HTML 2Page - Samsung semiconductor KA2139 Datasheet HTML 3Page - Samsung semiconductor KA2139 Datasheet HTML 4Page - Samsung semiconductor KA2139 Datasheet HTML 5Page - Samsung semiconductor KA2139 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KA2139
VIDEO AMPLIFIER FOR MONITOR
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA = 25
°C, unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
R,G,B Amp. Distortion
THD
V12= 4V
-
0.5
5.0
%
R,G,B Amp. Banwidth
f-3dB
V12= 12V
50
70
-
MHz
R,G,B Amp. rising time
Rtr, Gtr, Btr
V12= 12V
-
5.0
7.2
ns
R Amp. Isolation1-100K
AR1iso100K
Measure the G output
level
-40
-60
-
dB
R Amp. Isolation2-100K
AR2iso100K
Measure the B output level
-40
-60
-
dB
G Amp. Isolation1-100K
AG1iso100K
Measure the R output level
-40
-60
-
dB
G Amp. Isolation2-100K
AG2iso100K
Measure the B output level
-40
-60
-
dB
B Amp. Isolation1-100K
AB1iso100K
Measure the R output level
-40
-60
-
dB
B Amp. Isolation2-100K
AB2iso100K
Measure the G output level
-40
-60
-
dB
R Amp. Isolation1-100K
AR1iso100K
Measure the G output level
-25
-40
-
dB
R Amp. Isolation2-100K
AR2iso100K
Measure the B output level
-25
-40
-
dB
G Amp. Isolation1-100K
AG1iso100K
Measure the R output level
-25
-40
-
dB
G Amp. Isolation2-100K
AG2iso100K
Measure the B output level
-25
-40
-
dB
B Amp. Isolation1-100K
AB1iso100K
Measure the R output level
-25
-40
-
dB
B Amp. Isolation2-100K
AB2iso100K
Measure the G output
-25
-40
-
dB
level



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com