Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK80 Datasheet(PDF) 47 Page - Samsung semiconductor

Part # KM418RD8ACD-RK80
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK80 Datasheet(HTML) 47 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK80 Datasheet HTML 43Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 44Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 45Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 46Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 47Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 48Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 49Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 50Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 51Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Page 44
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Electrical Conditions
Timing Conditions
Table 18: Electrical Conditions
Symbol
Parameter and Conditions
Min
Max
Unit
TJ
Junction temperature under bias
-
100
°C
VDD, VDDA
Supply voltage
2.50 - 0.13
2.50 + 0.13
V
VDD,N, VDDA,N
Supply voltage droop (DC) during NAP interval (tNLIMIT)
-
2.0
%
vDD,N, vDDA,N
Supply voltage ripple (AC) during NAP interval (tNLIMIT)
-2.0
2.0
%
VCMOS
Supply voltage for CMOS pins (2.5V controllers)
2.50 - 0.13
2.50 + 0.25
V
Supply voltage for CMOS pins (1.8V controllers)
1.80 - 0.1
1.80 + 0.2
V
VTERM
Termination voltage
1.80 - 0.1
1.80 + 0.1
V
VREF
Reference voltage
1.40 - 0.2
1.40 + 0.2
V
VDIL
RSL data input - low voltage
VREF - 0.5
VREF - 0.2
V
VDIH
RSL data input - high voltage
VREF + 0.2
VREF + 0.5
V
VDIS
RSL data input swing: VDIS = VDIH - VDIL
0.4
1.0
V
ADI
RSL data asymmetry: ADI = [(VDIH - VREF) + (VDIL - VREF)]/VDIS
0
-20
%
VX
RSL clock input - crossing point of true and complement signals
1.3
1.8
V
VCM
RSL clock input - common mode VCM = (VCIH+VCIL)/2
1.4
1.7
V
VCIS,CTM
RSL clock input swing: VCIS = VCIH - VCIL (CTM,CTMN pins).
0.35
0.70
V
VCIS,CFM
RSL clock input swing: VCIS = VCIH - VCIL (CFM,CFMN pins).
0.125
0.70
V
VIL,CMOS
CMOS input low voltage
- 0.3
VCMOS/2 - 0.25
V
VIH,CMOS
CMOS input high voltage
VCMOS/2 + 0.25
VCMOS+0.3
V
Table 19: Timing Conditions
Symbol
Parameter
Min
Max
Unit
Figure(s)
tCYCLE
CTM and CFM cycle times (-600)
3.33
3.83
ns
Figure 53
CTM and CFM cycle times (-711)
2.80
3.83
ns
Figure 53
CTM and CFM cycle times (-800)
2.50
3.83
ns
Figure 53
tCR, tCF
CTM and CFM input rise and fall times
0.2
0.5
ns
Figure 53
tCH, tCL
CTM and CFM high and low times
40%
60%
tCYCLE
Figure 53
tTR
CTM-CFM differential (MSE/MS=0/0)
CTM-CFM differential (MSE/MS=1/1)a
0.0
0.9
1.0
1.0
tCYCLE
Figure 42
Figure 53
tDCW
Domain crossing window
-0.1
0.1
tCYCLE
Figure 59
tDR, tDF
DQA/DQB/ROW/COL input rise/fall times
0.2
0.65
ns
Figure 54
tS, tH
DQA/DQB/ROW/COL-to-CFM setup/hold @ tCYCLE=3.33ns
@ tCYCLE=2.81ns
@tCYCLE=2.50ns
0.275b,d
0.240c,d
0.200d
-
ns
Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com