Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK80 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM418RD8ACD-RK80
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK80 Datasheet(HTML) 2 Page - Samsung semiconductor

  KM418RD8ACD-RK80 Datasheet HTML 1Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 2Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 3Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 4Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 5Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 6Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 7Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 8Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Page -1
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Revision History
Version 1.0 (July 1999) - Preliminary
- Based on the Rambus Datasheet 1.0 ver.
Version 1.01 (October 1999)
On page 1
- Delete the part numbers of low power.
On page 32
- Add the data of CNFGA Register @ Figure 28.
On page 33
- Add the data of CNFGB Register @ Figure 29 and correct the CORG4..0 field of CNFGB register.
On page 44
- Add the Tj value from TBD to Max. 100
°C @ Table 18.
On page 46
- Add the
Θ
JC value from TBD to 0.2°C/Watt @ Table 20.
On page 55
- Add the current values for 356MHz and 300MHz RDRAM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com