Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK80 Datasheet(PDF) 27 Page - Samsung semiconductor

Part # KM418RD8ACD-RK80
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK80 Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK80 Datasheet HTML 23Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 24Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 25Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 26Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 27Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 28Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 29Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 30Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Page 24
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Interleaved Write - Example
Figure 20 shows an example of an interleaved write transac-
tion. Transactions similar to the one presented in Figure 16
are directed to non-adjacent banks of a single RDRAM. This
allows a new transaction to be issued once every tRR interval
rather than once every tRC interval (four times more often).
The DQ data pin efficiency is 100% with this sequence.
With two dualocts of data written per transaction, the COL,
DQA, and DQB pins are fully utilized. Banks are precharged
using the WRA autoprecharge option rather than the PRER
command in an ROWR packet on the ROW pins.
In this example, the first transaction is directed to device Da
and bank Ba. The next three transactions are directed to the
same device Da, but need to use different, non-adjacent
banks Bb, Bc, Bd so there is no bank conflict. The fifth
transaction could be redirected back to bank Ba without
interference, since the first transaction would have
completed by then (tRC has elapsed). Each transaction may
use any value of row address (Ra, Rb, ..) and column address
(Ca1, Ca2, Cb1, Cb2, ...).
Interleaved Read - Example
Figure 21 shows an example of interleaved read transac-
tions. Transactions similar to the one presented in Figure 15
are directed to non-adjacent banks of a single RDRAM. The
address sequence is identical to the one used in the previous
write example. The DQ data pins efficiency is also 100%.
The only difference with the write example (aside from the
use of the RD command rather than the WR command) is
the use of the PREX command in a COLX packet to
precharge the banks rather than the RDA command. This is
done because the PREX is available for a readtransaction but
is not available for a masked write transaction.
Interleaved RRWW - Example
Figure 22 shows a steady-state sequence of 2-dualoct
RD/RD/WR/WR.. transactions directed to non-adjacent
banks of a single RDRAM. This is similar to the interleaved
write and read examples in Figure 20 and Figure 21 except
that bubble cycles need to be inserted by the controller at
read/write boundaries. The DQ data pin efficiency for the
example in Figure 22 is 32/42 or 76%. If there were more
RDRAMs on the Channel, the DQ pin efficiency would
approach 32/34 or 94% for the two-dualoct RRWW
sequence (this case is not shown).
In Figure 22, the first bubble type tCBUB1 is inserted by the
controller between a RD and WR command on the COL
pins. This bubble accounts for the round-trip propagation
delay that is seen by read data, and is explained in detail in
Figure 4. This bubble appears on the DQA and DQB pins as
tDBUB1 between a write data dualoct D and read data dualoct
Q. This bubble also appears on the ROW pins as tRBUB1.
Figure 20: Interleaved Write Transaction with Two Dualoct Data Length
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
ACT a0
MSK (b2)
WRA c2
MSK (b1)
WR c1
WR b1
MSK (a1)
WRA b2
MSK (a2)
D (b2)
D (b1)
ACT b0
ACT c0
ACT d0
ACT e0
D (a2)
D (a1)
WR d1
MSK (c1)
D(c1)
ACT f0
WR d2
MSK (c2)
WR e1
MSK (d1)
D (c2)
D (d1)
WR e2
MSK (d2)
D (z2)
D (z1)
D (x2)
D (y1)
D (y2)
MSK (z2)
WRA a2
MSK (z1)
WR a1
WR z1
MSK (y1)
WRA z2
MSK (y2)
Q (d1)
tRCD
tCWD
tRC
Transaction e can use the
same bank as transaction a
tRR
f3 = {Da,Ba+2}
Transaction f: WR
f0 = {Da,Ba+2,Rf}
f1 = {Da,Ba+2,Cf1}
f2= {Da,Ba+2,Cf2}
e3 = {Da,Ba}
Transaction e: WR
e0 = {Da,Ba,Re}
e1 = {Da,Ba,Ce1}
e2= {Da,Ba,Ce2}
d3 = {Da,Ba+6}
Transaction d: WR
d0 = {Da,Ba+6,Rd}
d1 = {Da,Ba+6,Cd1}
d2= {Da,Ba+6,Cd2}
c3 = {Da,Ba+4}
Transaction c: WR
c0 = {Da,Ba+4,Rc}
c1 = {Da,Ba+4,Cc1}
c2= {Da,Ba+4,Cc2}
b3 = {Da,Ba+2}
Transaction b: WR
b0 = {Da,Ba+2,Rb}
b1 = {Da,Ba+2,Cb1}
b2= {Da,Ba+2,Cb2}
a3 = {Da,Ba}
Transaction a: WR
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a2= {Da,Ba,Ca2}
z3 = {Da,Ba+6}
Transaction z: WR
z0 = {Da,Ba+6,Rz}
z1 = {Da,Ba+6,Cz1}
z2= {Da,Ba+6,Cz2}
y3 = {Da,Ba+4}
Transaction y: WR
y0 = {Da,Ba+4,Ry}
y1 = {Da,Ba+4,Cy1}
y2= {Da,Ba+4,Cy2}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com