Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK80 Datasheet(PDF) 63 Page - Samsung semiconductor

Part # KM418RD8ACD-RK80
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK80 Datasheet(HTML) 63 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK80 Datasheet HTML 56Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 57Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 58Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 59Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 60Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 61Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 62Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 63Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 64Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Page 60
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
NOXOP
No-operation command in XOP field.
NSR
INIT register field- NAP self-refresh.
packet
A collection of bits carried on the Channel.
PDN
Power state - needs SCK/CMD wakeup.
PDNR
Powerdown command in ROP field.
PDNXA
Control register - PDN exit delay A.
PDNXB
Control register - PDN exit delay B.
pin efficiency
The fraction of non-idle cycles on a pin.
PRE
PREC,PRER,PREX precharge commands.
PREC
Precharge command in COP field.
precharge
Prepares sense amp and bank for activate.
PRER
Precharge command in ROP field.
PREX
Precharge command in XOP field.
PSX
INIT register field - PDN/NAP exit.
PSR
INIT register field - PDN self-refresh.
PVER
CNFGB register field - protocol version.
Q
Read data packet on DQ pins.
R
Row address field of ROWA packet.
RBIT
CNFGB register field - # row address bits.
RD/RDA
Read (/precharge) command in COP field.
read
Operation of accesssing sense amp data.
receive
Moving information from the Channel into
the RDRAM (a serial stream is demuxed).
REFA
Refresh-activate command in ROP field.
REFB
Control register - next bank (self-refresh).
REFBIT
CNFGA register field - ignore bank bits
(for REFA and self-refresh).
REFP
Refresh-precharge command in ROP field.
REFR
Control register - next row for REFA.
refresh
Periodic operations to restore storage cells.
retire
The automatic operation that stores write
buffer into sense amp after WR command.
RLX
RLXC,RLXR,RLXX relax commands.
RLXC
Relax command in COP field.
RLXR
Relax command in ROP field.
RLXX
Relax command in XOP field.
ROP
Row-opcode field in ROWR packet.
row
2CBIT dualocts of cells (bank/sense amp).
ROW
Pins for row-access control
ROW
ROWA or ROWR packets on ROW pins.
ROWA
Activate packet on ROW pins.
ROWR
Row operation packet on ROW pins.
RQ
Alternate name for ROW/COL pins.
RSL
Rambus Signaling Levels.
SAM
Sample (IOL) command in XOP field.
SA
Serial address packet for control register
transactions w/ SA address field.
SBC
Serial broadcast field in SRQ.
SCK
CMOS clock pin.
SD
Serial data packet for control register
transactions w/ SD data field.
SDEV
Serial device address in SRQ packet.
SDEVID
INIT register field - Serial device ID.
self-refresh
Refresh mode for PDN and NAP.
sense amp
Fast storage that holds copy of bank’s row.
SETF
Set fast clock command from SOP field.
SETR
Set reset command from SOP field.
SINT
Serial interval packet for control register
read/write transactions.
SIO0,SIO1
CMOS serial pins for control registers.
SOP
Serial opcode field in SRQ.
SRD
Serial read opcode command from SOP.
SRP
INIT register field - Serial repeat bit.
SRQ
Serial request packet for control register
read/write transactions.
STBY
Power state - ready for ROW packets.
SVER
Control register - stepping version.
SWR
Serial write opcode command from SOP.
TCAS
TCLSCAS register field - tCAS core delay.
TCLS
TCLSCAS register field - tCLS core delay.
TCLSCAS
Control register - tCAS and tCLS delays.
TCYCLE
Control register - tCYCLE delay.
TDAC
Control register - tDAC delay.
TEST77
Control register - for test purposes.
TEST78
Control register - for test purposes.
TRDLY
Control register - tRDLY delay.
transaction
ROW,COL,DQ packets for memory
access.
transmit
Moving information from the RDRAM
onto the Channel (parallel word is muxed).
WR/WRA
Write (/precharge) command in COP field.
write
Operation of modifying sense amp data.
XOP
Extended opcode field in COLX packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com