Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM418RD8ACD-RK80 Datasheet(PDF) 29 Page - Samsung semiconductor

Part # KM418RD8ACD-RK80
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD8ACD-RK80 Datasheet(HTML) 29 Page - Samsung semiconductor

Back Button KM418RD8ACD-RK80 Datasheet HTML 25Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 26Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 27Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 28Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 29Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 30Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 31Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 32Page - Samsung semiconductor KM418RD8ACD-RK80 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Page 26
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Control Register Transactions
The RDRAM has two CMOS input pins SCK and CMD and
two CMOS input/output pins SIO0 and SIO1. These provide
serial access to a set of control registers in the RDRAM.
These control registers provide configuration information to
the controller during the initialization process. They also
allow an application to select the appropriate operating mode
of the RDRAM.
SCK (serial clock) and CMD (command) are driven by the
controller to all RDRAMs in parallel. SIO0 and SIO1 are
connected (in a daisy chain fashion) from one RDRAM to
the next. In normal operation, the data on SIO0 is repeated
on SIO1, which connects to SIO0 of the next RDRAM (the
data is repeated from SIO1 to SIO0 for a read data packet).
The controller connects to SIO0 of the first RDRAM.
Write and read transactions are each composed of four
packets, as shown in Figure 23 and Figure 24. Each packet
consists of 16 bits, as summarized in Table 14 and Table 15.
The packet bits are sampled on the falling edge of SCK. A
transaction begins with a SRQ (Serial Request) packet. This
packet is framed with a 11110000 pattern on the CMD input
(note that the CMD bits are sampled on both the falling edge
and the rising edge of SCK). The SRQ packet contains the
SOP3..SOP0 (Serial Opcode) field, which selects the trans-
action type. The SDEV5..SDEV0 (Serial Device address)
selects one of the 32 RDRAMs. If SBC (Serial Broadcast) is
set, then all RDRAMs are selected. The SA (Serial Address)
packet contains a 12 bit address for selecting a control
register.
A write transaction has a SD (Serial Data) packet next. This
contains 16 bits of data that is written into the selected
control register. A SINT (Serial Interval) packet is last,
providing some delay for any side-effects to take place. A
read transaction has a SINT packet, then a SD packet. This
provides delay for the selected RDRAM to access the
control register. The SD read data packet travels in the oppo-
site direction (towards the controller) from the other packet
types. The SCK cycle time will accomodate the total delay.
Figure 23: Serial Write (SWR) Transaction to Control Register
SRQ - SWR command
1111
00000000...00000000
SRQ - SWR command
0000
SA
SA
SD
SD
SINT
SINT
00000000...00000000
00000000...00000000
00000000...00000000
SCK
CMD
SIO0
SIO1
T4
T36
T20
T52
T68
Each packet is repeated
from SIO0 to SIO1
1
1
1
1
0
0
0
0
1111
next transaction
Figure 24: Serial Read (SRD) Transaction Control Register
SRQ - SRD command
1111
00000000...00000000
SRQ - SRD command
0000
SA
SA
SINT
SINT
SD
SD
00000000...00000000
00000000...00000000
00000000...00000000
SCK
CMD
SIO0
SIO1
T4
T36
T20
T52
T68
First 3 packets are repeated
from SIO0 to SIO1
non-addressed RDRAMs pass
0/SD15..SD0/0 from SIO1 to SIO0
1
1
1
1
0
0
0
0
1111
next transaction
0
0
controller drives
0 on SIO0
0
0
addressed RDRAM drives
0/SD15..SD0/0 on SIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com