Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0902X01-R0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1A0902X01-R0B0
Description  AM/FM TUNER MPX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01-R0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S1A0902X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
S1A0902X01
AM/FM TUNER + MPX
4
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Ta = 25
°C, Vcc = 3V, Unless otherwise specified
FM F/E: f = 98MHz, fm = 1kHz
FM IF: f = 10.7MHz,
∆f = 22.5kHz, fm = kHz
AM IF : f = 1MHz, mod = 30%, fm = 1kHz
MPX : fm = 1kHz, L + R = 90%, Pilot = 10%, Vin = 150mVrms
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
Vs
7
V
Operating Temperature
Top
− 20 − +75
°C
Storage Temperature
Tstg
− 55 − +150
°C
Power Dissipation
Pdmax
1200
mW
Characteristics
Test Condition
Symbol
SPEC
Unit
Min.
Typ.
Max.
FE
Input Limiting Voltage
-30dB
Vlim1
-
12
18
dBu
Logic Oscilation Voltage
fosc = 108.7MHz
Vosc
40
70
110
mVrms
FM IF
Input Limiting Voltage
-3dB
Vlim2
35
40
45
dBu
Detection Output Voltage
Vin = 80dBu
Vod1
55
80
110
mVrms
FM Mute Attenuation Ratio
Vin = 80dBu, SW3 = on
Amute
60
70
-
dB
Signal to Noise Ratio
Vin = 80dBu
S/N1
55
65
-
dB
Total Hamonic Distortion
Vin = 80dBu
THD1
-
0.2
1
%
AM Rejection Ratio
Vin = 80dBu
AMR
40
50
-
dB
Tuning LED On Voltage
IL = 1mA
VL1
40
45
50
dBu
AM IF
Detection Output Voltage1
Vin = 26dBu
Vod2
20
40
60
mVrms
Detection Output Voltage2
Vin = 60dBu
Vod3
55
70
110
mVrms
Signal to Noise Ratio
Vin = 60dBu
S/N2
32
42
-
dB
Total Hamonic Distortion
Vin = 60dBu
THD2
-
1
2
%
Tuning LED On Voltage
IL = 1mA
VL2
20
25
30
dBu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com