Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0902X01-R0B0 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # S1A0902X01-R0B0
Description  AM/FM TUNER MPX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01-R0B0 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button S1A0902X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
S1A0902X01
AM/FM TUNER + MPX
12
-20
-15
-10
-5
0
5
Vo1(dB)
IF Input Frequency
Deviation (KHz)
Vo1 - IF freq.
FM
Vcc=3V
Vin=80dBuV
fin=10.7MHz
fm=1KHz
-70
-60
-50
-40
-30
-20
-10
0
10
Vo1,S/N
(dB)
IF Input Level(dBu)
Vo1
S/N1
Vo1,S/N - IF lev.
Vcc=3V
¥Äf=¡¾22.5KHz
fin=10.7MHz
fm=1KHz
FM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
THD(%)
IF Input Level(dBu)
THD - IF lev.
FM
Vcc=3V
¥Äf=¡¾22.5KHz
fin=10.7MHz
fm=1KHz
0
1
2
3
4
5
6
7
8
THD(%)
IF Input Frequency Deviation
(KHz)
22.5K
75K
THD - IF freq.
FM
Vcc=3V
Vin=80dBuV
fin=10.7MHz
fm=1KHz
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
Icc(mA)
Vcc (V)
Icc - Vcc
FM
-50
-40
-30
-20
-10
0
10
0
1
2
3
4
5
6
7
8
9
10
Vo1,Vlim1
(dB)
Vcc (V)
Vo1
Vlim1
Vo1,Vlim1 - Vcc
FM
fin=10.7MHz
fm=1KHz
¥Äf=¡¾22.5KHz Vin=80dBuV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com