Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0902X01-R0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1A0902X01-R0B0
Description  AM/FM TUNER MPX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01-R0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1A0902X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
S1A0902X01
AM/FM TUNER + MPX
6
PIN DESCRIPTION
Terminal voltage: Typical terminal voltage at no signal with test circuit.
VCC = 3V, Ta = 25
°C
Pin No.
Characteristic
Internal Circuit
Termianl Voltage
AM
FM
1
FMRFIN
0
0.8
2
RFGND
0
0
3
FMMUTE
2.2
2.2
4
MIXOUT
3.0
2.9
1K
100pF
RF GND
23
1
2
VCC
GND
19
6
9
RF GND
VCC
FM MIX
GND
AM MIX
6
2
9
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com