Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0902X01-R0B0 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S1A0902X01-R0B0
Description  AM/FM TUNER MPX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01-R0B0 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S1A0902X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 16Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 17Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 18Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 19Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AM/FM TUNER + MPX
S1A0902X01
17
APPLICATION CIRCUIT
B.P.F
: GFMB7 (KOREA SANGSHIN ELECTRIC CO.Ltd)
CF1 (455kHz)
: SFU455B (MURATA CO Ltd)
CF2 (10.7MHz)
: SFE10MA5 (MURATA CO.Ltd)
CR (10.7MHz)
: CDA10.7MG(103-A) (MURATA CO. Ltd) SAMPLE NO
* Note 1
: Add Register 1kohm pin 23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com