Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0902X01-R0B0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1A0902X01-R0B0
Description  AM/FM TUNER MPX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0902X01-R0B0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1A0902X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0902X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AM/FM TUNER + MPX
S1A0902X01
5
Characteristics
Test Condition
Symbol
SPEC
Unit
Min.
Typ.
Max.
MPX
Maximum Input Voltage
Stereo, THD = 3%
Vi(max)
300
450
-
mVrms
Channel Separation
Stereo, f = 100Hz
CS1
25
45
-
dB
Stereo, f = 1kHz
CS2
32
45
-
dB
Stereo, f = 10kHz
CS3
25
45
-
dB
Total Hamonic Distortion
Mono
THD3
-
0.2
1
%
Stereo
THD4
-
0.2
1
%
Voltage Gain
Mono, L-Channel
AV3
-5
-1
0.5
dB
Channel Balance
Mono
CB
-1.5
0
1.5
dB
Stereo LED On Level
Pilot only
VL(on)
-
8
16
mVrms
Stereo LED Off Level
Pilot only
VL(off)
1
6
-
mVrms
Lamp Hysteresis
LED on off
HY
-
2
-
mVrms
Capture Range
Pilot only
CR
-
± 4
-
%
Signal to Noise Ratio
Mono
S/N3
65
75
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com