Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8808A01-R0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5T8808A01-R0B0
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A01-R0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5T8808A01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S5T8808A
PLL FREQUENCY SHNTHESIZER FOR PAGE
4
PIN DESCRIPTION
Pin No
Symbol
I/O
Description
1
OSCI
I
These input / output pins generate the reference frequency.
In case of OSCI Pin, external reference frequency can be used through the AC
coupling.
2
OSCO
O
3
VDD2
−
The highest potential supply terminal that can be supplied up to 2.0 ~ 3.3V,
except for VDD1.
4
PDA
O
The Output of RX Phase detector terminal for active loop filter
There are 3-kinds of output signal states according to Rx Loop Error;
− If Fr > Fn (Fr is leading), the output is negative pulse state,
− If Fr < Fn (Fr is lagging), the output is positive pulse state,
− If Fr = Fn (the same phase), the output is high impedance state.
5
PDP
O
The Output of RX Phase detector terminal for passive loop filter
There are 3-kinds of output signal states according to Rx Loop Error;
− If Fr > Fn (Fr is lagging), the output is negative pulse state,
− If Fr < Fn (Fr is leading), the output is positive pulse state,
− If Fr = Fn (the same phase), the output is high impedance state.
6
VSS
−
Ground terminal
7
Fin
I
Input terminal for 16 bit Divider from VCO.
Mostly, VCO output should be input through the AC coupling and the minimum
input level is 500mVP-P (in case of 90MHz)
8
VDD1
−
Voltage supply terminal for Oscillator and Fin block.
This pin can be supplied up to 0.95 ~ 2.0V from VSS.
9
NC
−
No Connection
10
LDT
O
Lock detector is also on output of the Phase Detector.
The LOW state of this output shows unlock status, which is the error width
between the Ref. signal and the VCO output signal.
11
CLK
I
These pins are controlled by the
µ-controller and it also has Schmitt Trigger
architecture.
Internally biased pull-down.
The features of these pins are as follows:
Clock input for 17-bit Shift Register, Serial data input (it include FnFr-on / off and
FRC), and Latch enable input (User selectable EN1 or EN2).
12
DATA
I
13
EN
I
14
Fn
O
Output terminal for divider value of N-counter. To control the output On/Off, the
FnFr bit of the Reference register can be programmed.
When FnFr bit is set to High, this output shows low level.
15
Fr
O
Output terminal of divider value of N-counter. To control the output On/Off, the
FnFr bit of the Reference register can be programmed.
When FnFr bit is set to High, this output shows low level.
16
NC
−
No Connection. Internally biased pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com