Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8808A01-R0B0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5T8808A01-R0B0
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A01-R0B0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5T8808A01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
S5T8808A
PLL FREQUENCY SHNTHESIZER FOR PAGE
10
The architecture of R-Count Divider
Figure 4. R-CNT architecture
VCO output Frequency
fVCO = N x fVCO / RD
fVCO = VCO output frequency
fOSC = X-tal Oscillator Frequency
RD = Programmable Reference R-counter value
N = Programmable N-counter value
Phase Detector / Lock Detector
Figure 5. Phase Detector / Lock Detector Block Diagram
12.8MHz
X-Tal
OSCI
OSCO
1 / 4
Prescaler
FRC
14 bits
Counter
12.8MHz
3.2MHz
D0 ------------- D13
Fr
6.25KHz
1/ 4
CNT
14 Bit
R - Divider
Phase
Detector
OSCI
OSCO
Fin
Fr
Fn
PDP
PDA
FRC
1
2
Lock
Detector
LD
10
7
FN
14
4
5
FR
15
4 / 5
Counter
14 Bit
N - Divider
2 bits
Swallow
Counter
16 Bit Programmabel N_Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com