Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8808A01-R0B0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S5T8808A01-R0B0
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A01-R0B0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S5T8808A01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A
5
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
DD1 = 1.0V, VDD2 = 3.0V, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD ~ VDD2
−0.3 ~ +4.0
V
Input Voltage
VI
VSS − 0.3 ~ VDD + 0.3
V
Power Dissipation
PD
350
mW
Operating Temperature
TOPR
−25 ~ +75
°C
Storage Temperature
TSTG
−40 ~ +125
°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating voltage
VDD1
−
0.95
1.0
2.0
V
VDD2
−
2.0
3.0
3.3
Operating current
IDD1
FOSCI = 12.8MHz
@ 0.3VP-P
VDD1 = 1.0V
VDD2 = 1.0V
FFIN = 90MHz
−
0.6
−
mA
IDD2
FFIN = 150MHz
−
0.9
−
Standby current
ISB
VDD1 = 0V, VDD2 = 3.0V
−
−
10
µA
Input Voltage
(DATA, CLK, EN, BS)
VIL
−
−
−
0.3
V
VIH
−
VDD3-0.3
−
−
Input current
(Fin, Xin)
VIH
VIH = VDD1
−
−
20
µA
VIL
VIL = 0V
−
−
20
Input frequency
FFIN
FFIN = 0.5VP-P
VDD1 = 0.95V
−
−
120
MHz
VDD1 = 1.0V
−
−
165
FOSCI
VOSCI = 0.5VP-P
7
−
18
Output current
(PDA, PDP)
IOH1
VOH = 0.4V
1.0
−
−
mA
IOL1
VOL = VDD1 - 0.4V
1.0
−
−
Output current
(Fr, Fn, LDT)
IOH2
VOH = 0.4V
0.1
−
−
mA
IOL2
VOL = VDD1 - 0.4V
0.1
−
−
Setup-time
(DATA-CLK, CLK-EN)
ts
−
2
−
−
µS
Hold time
tH
−
2
−
−
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com