Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8808A01-R0B0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S5T8808A01-R0B0
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A01-R0B0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S5T8808A01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
S5T8808A
PLL FREQUENCY SHNTHESIZER FOR PAGE
8
Figure 2. Ref. Register Programming Timing
NOTE: It is possible to use Optional selection of EN1, EN2 (when used EN)
•
The Input Reference Frequency (X-tal Oscillator) will divided by 1/4 Prescaler, and then divided by Pre-
programmed R-counter value once more.
•
Programmable R-Counter consists of Fixed 1/4 Prescaler, 14-bits Programmable Counter
When FRC = 0, Fixed 1/4 Prescaler is used and 14-bits counter & can divide Multiple 4
RD = 4, R = 28 (=4 x 7) ~ 65532 -- (Min. Divide value:7)
When FRC = 1, Fixed 1/4 Prescaler isn’t used, but using 14-bits counter & Can divide all value
RD = R = 7 ~ 16384 [All value] --- (Min. Divide value:7)
•
Ex 1) FRC = 0, In case of 14-bits Program, Fosc = 12.8MHz and fixed 1/4 prescaler is used
[(Osc. Freq. / Prescaler) / Ref. Freq.] = [(12.8MHz / 4) / 6.25kHz] = 512
FRC FnFr
* It is possible to use Optional selection of EN1, EN2 ( when used EN )
PMC
DATA
Ref .14Bit R_Counter Data ( RD13 ~ RD0 )
EN1
or
EN2
CLK
positive
edge
triggered
LSB
MSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
MSB
LSB
2
13
2
0
R - counter 14 - bits
PMC bit
FnFr
FRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com