Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8808A01-R0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S5T8808A01-R0B0
Description  PLL FREQUENCY SHNTHESIZER FOR PAGER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8808A01-R0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S5T8808A01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8808A01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A
1
INTRODUCTION
S5T8808A is a superior low-power-programmable PLL frequency
synthesizer which can be used in a high performance Wide Area
Pager system.
S5T8808A consists of 2 kinds of divider block including a 17bit Shift
register, 16-bit Latch, 14/16-bits Counter, Prescaler, and a phase
detector block including a Phase detector, Lock detector and a
Charge pump.
FEATURES
•
Maximum operating frequency:
120MHz @ 500mVP-P, VDD1 = 0.95V, VDD2 = 3.0V
165MHz @ 500mVP-P, VDD1 = 1.0V, VDD2 = 3.0V
•
On-chip reference oscillator supports external crystal which oscillates up to 18MHz
•
Superior supply current:
FFIN = 90MHz, IDD1 = 0.6mA (Typ.) @ VDD1 = 1.0V, VDD2 = 3.0V
FFIN = 150MHz, IDD1 = 0.9mA (Typ.) @ VDD1 = 1.0V, VDD2 = 3.0V
•
Operating voltage: VDD1 = 0.95 ~ 2.0V and VDD2 = 2.0 ~ 3.3V
•
Reference frequency counter divider range: 1 / 28 ~ 1 / 65532 (Multiple 4)
But, the Divider range with FRC_High state: 1 / 7 ~ 1 / 16383
•
RX frequency counter divider range: 1 / 28 ~ 1 / 65535
•
Package type: 16
−TSSOP (0.65mm)
ORDERING INFORMATION
+: New Product
Device
Package
Operating Temperature
+S5T8808A01-R0B0
16
−TSSOP−0044
−25°C to +75°C
16
−TSSOP−0044
( Magnification = 1 : 4 )


Similar Part No. - S5T8808A01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808X01-V0B0 SAMSUNG-S5T8808X01-V0B0 Datasheet
93Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
More results

Similar Description - S5T8808A01-R0B0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
FOR PAGER,Rx
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
PLL frequency synthesizer for tuners
logo
Samsung semiconductor
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8809 SAMSUNG-KS8809 Datasheet
212Kb / 14P
PLL FREQUENCY SYNTHESIZER FOR PAGER
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
PLL FREQUENCY SYNTHESIZER FOR PAGER
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
Controller for PLL Frequency Synthesizer
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
Controller for PLL Frequency Synthesizer?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com