Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8809X01-R0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5T8809X01-R0B0
Description  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5T8809X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
S5T8809
PLL FREQUENCY SYNTHESIZER FOR PAGE
4
PIN DESCRIPTION
Pin No
Symbol
Description
1
OSCI
These input / output pins generate the reference frequency.
In case of OSCI Pin, external reference frequency can be used through the AC coupling.
2
OSCO
3
VDD2
The highest potential supply terminal that can be supplied up to 2.0 ~ 3.3V.
4
FL
Booster signal output for fast locking.
5
PDO
The output of RX phase detector terminal for passive loop filter.
There are 3-kinds of output signal states according to Rx loop error.
6
VSS
Ground terminal
7
Fin
Input terminal for the frequency from VCO.
Output frequency from VCO was inputted through AC coupling
8
VDD1
Voltage supply terminal for Oscillator and Fin block.
This pin can be supplied up to 0.95 ~ 1.5V from VSS.
9
PBC
This is an input for programmable bit control which has Schmitt Trigger architecture,
Internally biased pull-up.
High = 16 Bits N-Divider (Default: ND0 ~ ND15)
Low = 18 Bits N-Divider (ND0 ~ ND7)
cf) R-divider bits will be changed by the FRC bit of program
10
LD
The output of phase detector can be controlled by R-counter register. When the LDC bit
of R-counter set to Low, the output will be disabled to reduce a noise problem, but if it is
set to High, the output will be enabled to show an lock / unlock status that is the error
width between to Ref. signal and the VCO output signal.
11
CLK
These pins are controlled by the
µ-controller which has Schmitt Trigger architecture,
Internally biased pull-down. The features of these pins are as follows; Clock input for 17
or 19-bit Shift Register, Serial data input (it include TEST1, FRC and LDC), and Latch
enable input.
12
DATA
13
EN
14
BSB
In the BS mode (set to Low), the VDD1 block will be powered off, but the internal latch
data is still valid because the VDD2 is supplied continuously. This input has Schmitt
Trigger architecture & internally biased pull-up.
15
FLC
This is the input pin for Fast Locking Control (FLC) which has Schmitt Trigger
architecture, Internally biased pull-down.
Low = The Current of PDO Charge pump output is Normal (Default: x1)
High = The Current of PDO Charge pump output is increase (x 1.5)
16
TEST
This is the input pin for TEST which has Schmitt trigger architecture, Internally biased
Pull-down.
Low = All block will be operated as normal state (Default)
High = LD and FL state will be TES mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com