Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8809X01-R0B0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5T8809X01-R0B0
Description  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5T8809X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PLL FREQUENCY SYNTHESIZER FOR PAGER
S5T8809
7
•
Ex 1) In case of 16-bits program [PBC = High], Fc = 325.300MHz, Multiplier = 4, Fin = 75.975MHz
[Fin Freq. / Ref. Frequ.] = 75.975MHz / 6.25kHz = 1256
NOTE: According to the above equation, 12156 / 32(P) = 379, and left = 28
that means, Swallow CNT value is “11100”, Main CNT value is “379”
•
Ex 2) In case of 18-bits program [PBC = Low], Fin = 330MHz
[Fin Freq. / Ref. Freq.] = [330MHz / 6.25kHz] = 52800
NOTE: The PMC bit is program mode control bit, if [0], the N-counter will be enabled
•
The Input Reference Frequency (X-tal Oscillator) will be divided by 1/8 Prescaler, and then divided by pre-
programmed R-counter value once more.
•
Programmable R-Counter consists of Fixed 1/8 Prescaler, 13 / 15-bits Programmable Counter
When FRC = 0, Fixed 1/8 Prescaler and 13-bits counter (Min. Divide value: 5) are enabled
RD = 8, R = 40 (= 8
× 5) ~ 65528 [Multiple 8]
When FRC = 1, Fixed 1/8 Prescaler is disabled, but using 15-bits counter (Min. Divide value: 5)
Table 2. R-Counter Register Program Scheme (19 bits)
Bit
Bit 18 ~ Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Name
RD
LDC
FRC
TEST 1
PMC
Description
Ref. R-Counter Data
Lock Detector
Control
Frequency of
Reference
Control
TEST mode
control
Program mode
control
Function
15 Bit Programmable
Ref. R-Counter
FRC = 0 : 13 bits (RD12 — RD0)
FRC = 1 : 15 bits (RD14 — RD0)
0: Disable
LD out
1: Enable
LD out
0: R_CNT div.
= 8
× RD
1: R_CNT div.
= RD (15bit)
Mainly for
the product
Test
0: ND Program
1: RD Program
0
0
1
0
1
1
1
1
1
0
1
1
1
1
0
0
0
MSB
LSB
2
10
2
0
2
5
2
0
Main CNT 11 - bits
Swallow CNT 5-bits
PMC bit
1
1
0
0
1
1
1
0
0
1
0
0
0
0
0
0
0
MSB
LSB
2
10
2
0
2
5
2
0
Main CNT 13 - bits
Swallow CNT 5-bits
PMC bit
0
0
2
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com