Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8809X01-R0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S5T8809X01-R0B0
Description  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S5T8809X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PLL FREQUENCY SYNTHESIZER FOR PAGER
S5T8809
1
INTRODUCTION
S5T8809 is a superior low-power-programmable PLL frequency
synthesizer which can be used in high performance / Simple
application for a Wide Area Pager system.
S5T8809 consists of 2 kinds of divider block including a 19-bit Shift
register, 16/18-bit Latch, 13/15bits R-counter and 16/18-bit N-
Counter, 32/33 Prescaler, and a phase detector block including a
Phase detector, Lock detector and a Charge pump.
S5T8809 also has a battery saving mode which can control each
register block by serial control data from the
µ-controller (MICOM)
and it also has boost up signal output for fast locking.
FEATURES
•
Maximum operating frequency: 330MHz @ 300mVP-P, VDD1 = 1.0V, VDD2 = 3.0V
•
On-chip reference oscillator supports external crystal which oscillates up to 23MHz
•
Superior supply current:
— FFIN = 310MHz, IDD1 = 0.8mA (Typ.) @ VDD1 = 1.0V, VDD2 = 3.0V
•
Operating voltage: VDD1 = 0.95 to 1.5V and VDD2 = 2.0 to 3.3V
•
Excellent Divider range:
— Ref. Divider:
FRC (0): 1 / 40 to 1 / 65528 (Multiple): Default
FRC (1): 1 / 5 to 1 / 32767
— Rx Divider:
PBC (0): 1 / 1056 ~ 1 / 65535: Default
PBC (1): 1 / 1056 ~ 1 / 262143
•
Boost-up signal output for Fast Locking
•
In the Standby mode, VDD1 block can be controlled by BSB Pin status
— Standby current consumption: 10
µA (Max.)
•
Programmable control the output of LD to reduce internal noise
•
Programmable 17 / 19-bit shift register value controlled by PBC
•
Charge pump output circuitry for passive filter
•
Package type: 16
−TSSOP (0.65mm)
ORDERING INFORMATION
+: New Product
Device
Package
Operating Temperature
+S5T8809X01-R0B0
16
−TSSOP−0044
−25°C to +75°C
16-TSSOP-0044
( Magnification = 1 : 4 )


Similar Part No. - S5T8809X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8803A SAMSUNG-S5T8803A Datasheet
109Kb / 8P
10 CH PLL
S5T8803A01-D0B0 SAMSUNG-S5T8803A01-D0B0 Datasheet
109Kb / 8P
10 CH PLL
S5T8803A01-S0B0 SAMSUNG-S5T8803A01-S0B0 Datasheet
109Kb / 8P
10 CH PLL
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A SAMSUNG-S5T8808A Datasheet
109Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
More results

Similar Description - S5T8809X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
PLL frequency synthesizer for tuners
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
PLL frequency synthesizer for tuners
logo
Samsung semiconductor
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8809 SAMSUNG-KS8809 Datasheet
212Kb / 14P
PLL FREQUENCY SYNTHESIZER FOR PAGER
S5T8808 SAMSUNG-S5T8808 Datasheet
93Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
S5T8808A SAMSUNG-S5T8808A Datasheet
109Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
Controller for PLL Frequency Synthesizer?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com