Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8809X01-R0B0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S5T8809X01-R0B0
Description  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S5T8809X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PLL FREQUENCY SYNTHESIZER FOR PAGER
S5T8809
9
•
Ex 1) FRC = 0, In case of 13bits Program, Fosc = 12.8MHz and 1/8 prescaler is used
[(Osc. Freq. / Prescaler) / Ref. Freq.] = [(12.8MHz / 8) / 6.25kHz] = 256
•
Ex 2) FRC = 1, In case of 15bits Program, Fosc = 12.8MHz and 1/8 prescaler is used
[Osc. Freq. / Ref. Freq.] = [12.8MHz / 6.25kHz] = 2048
NOTE: The PMC bit is Program Mode Control Bit, if [1], the R-Counter will be Enabled
Figure 3. The architecture of R-Count Divider
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
MSB
LSB
2
12
2
0
R - counter 13 - bits
PMC bit
TEST1
FRC
LDC
0
1
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
MSB
LSB
2
12
2
0
R - counter 15 - bits
PMC bit
TEST1
FRC
LDC
0
0
2
14
12.8MHz
X-Tal
OSCI
1 / 8
Prescaler
FRC
13/15 bits
Counter
12.8MHz
1.6MHz
D0 ------------- D13
Fr
6.25kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com