Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5T8809X01-R0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S5T8809X01-R0B0
Description  PLL FREQUENCY SYNTHESIZER FOR PAGER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8809X01-R0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S5T8809X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S5T8809X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
S5T8809
PLL FREQUENCY SYNTHESIZER FOR PAGE
6
FUNCTIONAL DESCTRIPTION
Figure 1. Rx. N - Counter Register Programming Timing
•
Programmable N-counter consists of 5-bits Swallow Counter, Dual modulars Prescaler and 11-bits Main
Counter (if [PBC = 0], than 13-bits Main Counter)
•
The Divide Ratio is;
N = (P + 1)
× S + P (M - S) = PM + S;
P = Dual Modular Prescaler (32)
S = 5-bits Swallow Counter value (0 ~ 31)
M = 11-bits (PBC = High, 32 ~ 2047) or 13-bits (PBC = Low, 32 ~ 8291)
N = Programmable N-Counter value (N > S)
•
The Main Counter can be controlled by PBC pin, when the PBC (pin 9) state set to Low, the Programmable
N-counter range will be extend to 262143
Table 1. N-Counter Register Program Scheme (19 bit)
Bit
Bit 18 (ND 17) ~ Bit 1 (ND 0)
Bit 0 (LSB)
Name
ND
PMC
Description
N-Counter Data (ND 17 ~ ND 0)
Program Mode Control
Function
18 Bit Program Data
PBC = 1 : 16 bits (ND 15 ~ ND 0) will be valid
PBC = 1 : 18 bits (ND 17 ~ ND 0) will be valid
0: N-Counter Program
1: Ref. R-Counter Program
PMC
DATA
N_Counter Divider Data ( ND17 ~ ND0 )
EN
CLK
MSB : 1’st INPUT
positive edge triggered
LSB
MSB
1
2
3
4
5
6
7
8
13
14
15
16
17
18
19
PMC = 0
→ 16/18 bit N_Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com