Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 64Page - ATMEL Corporation AT90PWM3 Datasheet HTML 65Page - ATMEL Corporation AT90PWM3 Datasheet HTML 66Page - ATMEL Corporation AT90PWM3 Datasheet HTML 67Page - ATMEL Corporation AT90PWM3 Datasheet HTML 68Page - ATMEL Corporation AT90PWM3 Datasheet HTML 69Page - ATMEL Corporation AT90PWM3 Datasheet HTML 70Page - ATMEL Corporation AT90PWM3 Datasheet HTML 71Page - ATMEL Corporation AT90PWM3 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 361 page
background image
68
4317J–AVR–08/10
AT90PWM2/3/2B/3B
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). Se
11.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 11-3.
The alternate pin configuration is as follows:
• PSCOUT01/ADC4/SCK – Bit 7
PSCOUT01: Output 1 of PSC 0.
ADC4, Analog to Digital Converter, input channel 4.
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as a
slave, this pin is configured as an input regardless of the setting of DDB7. When the SPI is
enabled as a master, the data direction of this pin is controlled by DDB7. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTB7 bit.
• ADC7/ICP1B/PSCOUT11 – Bit 6
ADC7, Analog to Digital Converter, input channel 7.
ICP1B, Input Capture Pin: The PB6 pin can act as an Input Capture Pin for Timer/Counter1.
PSCOUT11: Output 1 of PSC 1.
•ADC6/INT2 – Bit 5
ADC6, Analog to Digital Converter, input channel 6.
INT2, External Interrupt source 2. This pin can serve as an External Interrupt source to the MCU.
• APM0+ – Bit 4
AMP0+, Analog Differential Amplifier 0 Positive Input Channel.
Table 11-3.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
PSCOUT01 output
ADC4 (Analog Input Channel 4)
SCK (SPI Bus Serial Clock)
PB6
ADC7 (Analog Input Channel 7)
ICP1B (Timer 1 input capture alternate input)
PSCOUT11 output (see note 4)
PB5
ADC6 (Analog Input Channel 6)
INT2
PB4
AMP0+ (Analog Differential Amplifier 0 Input Channel )
PB3
AMP0- (Analog Differential Amplifier 0 Input Channel )
PB2
ADC5 (Analog Input Channel5 )
INT1
PB1
MOSI (SPI Master Out Slave In)
PSCOUT21 output
PB0
MISO (SPI Master In Slave Out)
PSCOUT20 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com