Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 26Page - ATMEL Corporation AT90PWM3 Datasheet HTML 27Page - ATMEL Corporation AT90PWM3 Datasheet HTML 28Page - ATMEL Corporation AT90PWM3 Datasheet HTML 29Page - ATMEL Corporation AT90PWM3 Datasheet HTML 30Page - ATMEL Corporation AT90PWM3 Datasheet HTML 31Page - ATMEL Corporation AT90PWM3 Datasheet HTML 32Page - ATMEL Corporation AT90PWM3 Datasheet HTML 33Page - ATMEL Corporation AT90PWM3 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 361 page
background image
30
4317J–AVR–08/10
AT90PWM2/3/2B/3B
7.1.5
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
7.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as illustrated
Table 7-1. The clock from the selected source is input to the AVR clock generator, and routed to
the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down or Power-save, the selected clock source is used to time the start-
Table 7-1.
Device Clocking Options Select(1) AT90PWM2/3
Device Clocking Option
CKSEL3..0
External Crystal/Ceramic Resonator
1111 - 1000
Reserved
0111- 0100
PLL output divided by 4 : 16 MHz
0011
Calibrated Internal RC Oscillator
0010
Reserved
0001
External Clock
0000
Table 7-2.
Device Clocking Options Select AT90PWM2B/3B
Device Clocking Option
System
Clock
PLL Input
CKSEL3..0
(1)
1.For all fuses “1” means unprogrammed while “0” means programmed
External Crystal/Ceramic Resonator
Ext Osc (2)
2.Ext Osc : External Osc
RC Osc (3)
3.RC Osc : Internal RC Oscillator
1111 - 1000
PLL output divided by 4 : 16 MHz / External
Crystal/Ceramic Resonator/ PLL driven by External Crystal
/Ceramic Resonator
Ext Osc
Ext Osc
0100
PLL output divided by 4 : 16 MHz / PLL driven by External
Crystal/Ceramic Resonator
PLL / 4
Ext Osc
0101
Reserved
N/A
N/A
0111- 0110
PLL output divided by 4 : 16 MHz
PLL / 4
RC Osc
0011
Calibrated Internal RC Oscillator
RC Osc
RC Osc
0010
PLL output divided by 4 : 16 MHz / PLL driven by External
clock
PLL / 4
Ext Clk (4)
4.Ext Clk : External Clock Input
0001
External Clock
Ext Clk
RC Osc
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com