Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 71Page - ATMEL Corporation AT90PWM3 Datasheet HTML 72Page - ATMEL Corporation AT90PWM3 Datasheet HTML 73Page - ATMEL Corporation AT90PWM3 Datasheet HTML 74Page - ATMEL Corporation AT90PWM3 Datasheet HTML 75Page - ATMEL Corporation AT90PWM3 Datasheet HTML 76Page - ATMEL Corporation AT90PWM3 Datasheet HTML 77Page - ATMEL Corporation AT90PWM3 Datasheet HTML 78Page - ATMEL Corporation AT90PWM3 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 361 page
background image
75
4317J–AVR–08/10
AT90PWM2/3/2B/3B
XCK, USART External clock. The Data Direction Register (DDD0) controls whether the clock is
output (DDD0 set) or input (DDD0 cleared). The XCK0 pin is active only when the USART oper-
ates in Synchronous mode.
SS_A: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured as an
input regardless of the setting of DDD0. As a slave, the SPI is activated when this pin is driven
low. When the SPI is enabled as a master, the data direction of this pin is controlled by DDD0.
When the pin is forced to be an input, the pull-up can still be controlled by the PORTD0 bit.
Table 11-10 and Table 11-11 relates the alternate functions of Port D to the overriding signals
shown in Figure 11-5 on page 66.
Table 11-10. Overriding Signals for Alternate Functions PD7..PD4
Signal Name
PD7/
ACMP0
PD6/ADC3/
ACMPM/INT0
PD5/ADC2/
ACMP2
PD4/ADC1/RXD/
ICP1A/SCK_A
PUOE
0
0
0
RXEN + SPE •
MSTR • SPIPS
PUOV
0
0
0
PD4 •
PUD
DDOE
0
0
0
RXEN + SPE •
MSTR • SPIPS
DDOV
0
0
0
0
PVOE
0
0
0
SPE • MSTR •
SPIPS
PVOV
0
0
0
–
DIEOE
ACMP0D
ADC3D + In0en
ADC2D
ADC1D
DIEOV
0
In0en
0
0
DI
–
INT0
ICP1A
AIO
ACOMP0
ADC3
ACMPM
ADC2
ACOMP2
ADC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com