Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 69Page - ATMEL Corporation AT90PWM3 Datasheet HTML 70Page - ATMEL Corporation AT90PWM3 Datasheet HTML 71Page - ATMEL Corporation AT90PWM3 Datasheet HTML 72Page - ATMEL Corporation AT90PWM3 Datasheet HTML 73Page - ATMEL Corporation AT90PWM3 Datasheet HTML 74Page - ATMEL Corporation AT90PWM3 Datasheet HTML 75Page - ATMEL Corporation AT90PWM3 Datasheet HTML 76Page - ATMEL Corporation AT90PWM3 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 361 page
background image
73
4317J–AVR–08/10
AT90PWM2/3/2B/3B
11.3.4
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 11-9.
The alternate pin configuration is as follows:
• ACMP0 – Bit 7
ACMP0, Analog Comparator 0 Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
•ADC3/ACMPM/INT0 – Bit 6
ADC3, Analog to Digital Converter, input channel 3.
ACMPM, Analog Comparators Negative Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the Ana-
log Comparator.
INT0, External Interrupt source 0. This pin can serve as an external interrupt source to the MCU.
• ADC2/ACMP2 – Bit 5
ADC2, Analog to Digital Converter, input channel 2.
Table 11-9.
Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
ACMP0 (Analog Comparator 0 Positive Input )
PD6
ADC3 (Analog Input Channel 3 )
ACMPM reference for analog comparators
INT0
PD5
ADC2 (Analog Input Channel 2)
ACMP2 (Analog Comparator 2 Positive Input )
PD4
ADC1 (Analog Input Channel 1)
RXD (Dali/UART Rx data)
ICP1 (Timer 1 input capture)
SCK_A (Programming & alternate SPI Clock)
PD3
TXD (Dali/UART Tx data)
OC0A (Timer 0 Output Compare A)
SS (SPI Slave Select)
MOSI_A (Programming & alternate SPI Master Out Slave In)
PD2
PSCIN2 (PSC 2 Digital Input)
OC1A (Timer 1 Output Compare A)
MISO_A (Programming & alternate Master In SPI Slave Out)
PD1
PSCIN0 (PSC 0 Digital Input )
CLKO (System Clock Output)
PD0
PSCOUT00 output
XCK (UART Transfer Clock)
SS_A (Alternate SPI Slave Select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com