Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 52Page - ATMEL Corporation AT90PWM3 Datasheet HTML 53Page - ATMEL Corporation AT90PWM3 Datasheet HTML 54Page - ATMEL Corporation AT90PWM3 Datasheet HTML 55Page - ATMEL Corporation AT90PWM3 Datasheet HTML 56Page - ATMEL Corporation AT90PWM3 Datasheet HTML 57Page - ATMEL Corporation AT90PWM3 Datasheet HTML 58Page - ATMEL Corporation AT90PWM3 Datasheet HTML 59Page - ATMEL Corporation AT90PWM3 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 361 page
background image
56
4317J–AVR–08/10
AT90PWM2/3/2B/3B
10. Interrupts
Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in
AT90PWM2/2B/3/3B. For a general explanation of the AVR interrupt handling, refer to “Reset
and Interrupt Handling” on page 15.
10.1
Interrupt Vectors in AT90PWM2/2B/3/3B
Table 10-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and Emulation AVR Reset
2
0x0001
PSC2 CAPT
PSC2 Capture Event
3
0x0002
PSC2 EC
PSC2 End Cycle
4
0x0003
PSC1 CAPT
PSC1 Capture Event
5
0x0004
PSC1 EC
PSC1 End Cycle
6
0x0005
PSC0 CAPT
PSC0 Capture Event
7
0x0006
PSC0 EC
PSC0 End Cycle
8
0x0007
ANACOMP 0
Analog Comparator 0
9
0x0008
ANACOMP 1
Analog Comparator 1
10
0x0009
ANACOMP 2
Analog Comparator 2
11
0x000A
INT0
External Interrupt Request 0
12
0x000B
TIMER1 CAPT
Timer/Counter1 Capture Event
13
0x000C
TIMER1 COMPA
Timer/Counter1 Compare Match A
14
0x000D
TIMER1 COMPB
Timer/Counter1 Compare Match B
15
0x000E
16
0x000F
TIMER1 OVF
Timer/Counter1 Overflow
17
0x0010
TIMER0 COMPA
Timer/Counter0 Compare Match A
18
0x0011
TIMER0 OVF
Timer/Counter0 Overflow
19
0x0012
ADC
ADC Conversion Complete
20
0x0013
INT1
External Interrupt Request 1
21
0x0014
SPI, STC
SPI Serial Transfer Complete
22
0x0015
USART0, RX
USART0, Rx Complete
23
0x0016
USART0, UDRE
USART0 Data Register Empty
24
0x0017
USART0, TX
USART0, Tx Complete
25
0x0018
INT2
External Interrupt Request 2
26
0x0019
WDT
Watchdog Time-Out Interrupt
27
0x001A
EE READY
EEPROM Ready
28
0x001B
TIMER0 COMPB
Timer/Counter0 Compare Match B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com