Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 125Page - ATMEL Corporation AT90PWM3 Datasheet HTML 126Page - ATMEL Corporation AT90PWM3 Datasheet HTML 127Page - ATMEL Corporation AT90PWM3 Datasheet HTML 128Page - ATMEL Corporation AT90PWM3 Datasheet HTML 129Page - ATMEL Corporation AT90PWM3 Datasheet HTML 130Page - ATMEL Corporation AT90PWM3 Datasheet HTML 131Page - ATMEL Corporation AT90PWM3 Datasheet HTML 132Page - ATMEL Corporation AT90PWM3 Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 361 page
background image
129
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16. Power Stage Controller – (PSC0, PSC1 & PSC2)
The Power Stage Controller is a high performance waveform controller.
16.1
Features
• PWM waveform generation function (2 complementary programmable outputs)
• Dead time control
• Standard mode up to 12 bit resolution
• Frequency Resolution Enhancement Mode (12 + 4 bits)
• Frequency up to 64 Mhz
• Conditional Waveform on External Events (Zero Crossing, Current Sensing ...)
• All on chip PSC synchronization
• ADC synchronization
• Overload protection function
• Abnormality protection function, emergency input to force all outputs to high impedance or in
inactive state (fuse configurable)
• Center aligned and edge aligned modes synchronization
• Fast emergency stop by hardware
16.2
Overview
Many register and bit references in this section are written in general form.
•
A lower case “n” replaces the PSC number, in this case 0, 1 or 2. However, when using the
register or bit defines in a program, the precise form must be used, i.e., PSOC1 for
accessing PSC 0 Synchro and Output Configuration register and so on.
•
A lower case “x” replaces the PSC part , in this case A or B. However, when using the
register or bit defines in a program, the precise form must be used, i.e., PFRCnA for
accessing PSC n Fault/Retrigger n A Control register and so on.
The purpose of a Power Stage Controller (PSC) is to control power modules on a board. It has
two outputs on PSC0 and PSC1 and four outputs on PSC2.
These outputs can be used in various ways:
•
“Two Ouputs” to drive a half bridge (lighting, DC motor ...)
•
“One Output” to drive single power transistor (DC/DC converter, PFC, DC motor ...)
•
“Four Outputs” in the case of PSC2 to drive a full bridge (lighting, DC motor ...)
Each PSC has two inputs the purpose of which is to provide means to act directly on the gener-
ated waveforms:
•
Current sensing regulation
•
Zero crossing retriggering
•
Demagnetization retriggering
•
Fault input
The PSC can be chained and synchronized to provide a configuration to drive three half bridges.
Thanks to this feature it is possible to generate a three phase waveforms for applications such
as Asynchronous or BLDC motor drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com