Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5502 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5502
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5502 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5502 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5502
No.6279–2/6
Continued from preceding page.
Cre -- VCB
10
7
5
3
2
7
0.1
1.0
5
3
2
0.1
23
5 7 1.0
23
5
7
23
5
7
100
10
1.0
23
5
7
10
23
5
7
100
10
7
5
3
2
1.0
f T -- IC
0
0.2
0.4
0.6
1.2
0.8
1.0
100
80
60
40
20
0
IC -- VBE
3
2
10
1.0
7
0.1
7
5
3
2
5
0.1
23
5
7 1.0
23
2
3
5
7 100
57 10
Cob -- VCB
50
40
30
20
10
0
10
24
6
8
0
IC -- VCE
7
5
3
2
7
5
100
3
2
10
1.0
10
100
hFE -- IC
2
V CE
=5V
2V
f=1MHz
f=1MHz
IB=0
0.05mA
0.10mA
0.20mA
0.25mA
0.30mA
0.35mA
0.15mA
IT00651
IT00652
IT00653
IT00654
IT00655
IT00656
23
23
5 7
73
57
2
35
VCE=5V
2V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
0
3
=
0
12
1B
d
e
r
u
g
i
F
e
s
i
o
N
F
NV E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
7
=1
.
10
.
2B
d



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com