Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5502 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5502
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5502 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5502 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5502
No.6279–3/6
S Parameters (Common emitter)
VCE=2V, IC=1mA, ZO=50Ω
2
4
6
8
10
12
0
1.0
57
10
100
23
5
7
2
3
IT00658
16
14
S21e2 -- IC
f=1GHz
VCE
=5V
2V
NF -- IC
10
8
6
4
2
0
7
1.0
23
5
7
7
10
100
23
5
f=1GHz
5V
IT00657
Collector Current, IC –mA
Collector Current, IC –mA
600
500
400
300
100
200
0
100
20
120
140
40
160
60
80
0
PC -- Ta
IT00659
Ambient Temperature, Ta – ˚C
Mounted
on
a
ceramic
board
(250mm
2
×
0.8mm)
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
6
9
.
02
.
4
2
–4
1
0
.
20
.
1
6
16
4
0
.
08
.
3
73
7
9
.
02
.
0
1
–
0
0
20
4
9
.
05
.
5
4
–5
6
3
.
26
.
3
4
16
8
0
.
00
.
0
66
2
9
.
05
.
7
1
–
0
0
48
7
8
.
02
.
5
8
–0
6
0
.
29
.
7
1
14
3
1
.
05
.
8
32
5
8
.
04
.
7
2
–
0
0
64
2
8
.
07
.
4
1
1
–6
9
7
.
15
.
7
93
5
1
.
05
.
4
23
4
7
.
05
.
7
3
–
0
0
84
0
8
.
01
.
4
3
1
–1
9
3
.
16
.
1
85
5
1
.
05
.
4
12
1
7
.
03
.
3
4
–
0
0
0
15
6
7
.
03
.
2
5
1
–9
0
3
.
15
.
8
63
5
1
.
09
.
74
3
7
.
08
.
7
4
–
0
0
2
15
6
7
.
06
.
3
6
1
–2
3
0
.
16
.
6
51
4
1
.
07
.
34
0
7
.
07
.
4
5
–
0
0
4
15
4
7
.
06
.
5
7
1
–2
5
9
.
07
.
6
48
2
1
.
07
.
21
8
6
.
05
.
1
6
–
0
0
6
15
2
7
.
08
.
3
7
17
9
8
.
04
.
9
37
1
1
.
05
.
10
0
7
.
04
.
7
6
–
0
0
8
17
2
7
.
05
.
5
6
10
4
8
.
04
.
1
35
0
1
.
08
.
85
3
7
.
08
.
2
7
–
0
0
0
25
1
7
.
00
.
7
5
13
1
7
.
08
.
3
25
9
0
.
08
.
3
19
6
7
.
00
.
9
7
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com