Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5502 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5502
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5502 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5502 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5502
No.6279–4/6
VCE=2V, IC=10mA, ZO=50Ω
VCE=2V, IC=20mA, ZO=50Ω
VCE=2V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
4
8
.
05
.
1
4
–4
8
2
.
0
17
.
9
4
11
4
0
.
07
.
5
64
8
8
.
05
.
4
2
–
0
0
27
5
7
.
00
.
8
7
–5
2
0
.
99
.
8
2
12
6
0
.
03
.
9
46
0
7
.
06
.
9
3
–
0
0
45
7
6
.
07
.
2
2
1
–6
7
0
.
60
.
4
0
12
8
0
.
01
.
6
32
9
4
.
07
.
3
5
–
0
0
63
2
6
.
07
.
9
4
1
–6
3
6
.
46
.
7
80
9
0
.
02
.
3
33
0
4
.
04
.
9
5
–
0
0
80
1
6
.
05
.
4
6
1
–4
7
5
.
39
.
6
75
9
0
.
09
.
3
30
6
3
.
01
.
4
6
–
0
0
0
13
0
6
.
09
.
4
7
1
–4
5
8
.
26
.
7
64
0
1
.
01
.
4
36
4
3
.
00
.
8
6
–
0
0
2
13
6
5
.
03
.
5
7
18
4
4
.
22
.
9
51
1
1
.
09
.
5
36
3
3
.
03
.
3
7
–
0
0
4
16
8
5
.
04
.
7
6
18
1
1
.
28
.
1
50
2
1
.
00
.
8
34
4
3
.
05
.
7
7
–
0
0
6
11
8
5
.
00
.
0
6
12
8
8
.
12
.
5
42
3
1
.
07
.
8
37
5
3
.
04
.
1
8
–
0
0
8
11
8
5
.
06
.
3
5
17
7
6
.
13
.
8
31
4
1
.
08
.
8
38
6
3
.
00
.
6
8
–
0
0
0
27
7
5
.
01
.
7
4
18
8
4
.
16
.
1
37
5
1
.
09
.
9
30
8
3
.
08
.
0
9
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
2
7
.
00
.
0
6
–5
0
3
.
7
14
.
1
4
15
3
0
.
03
.
9
57
8
7
.
03
.
6
3
–
0
0
23
4
6
.
01
.
4
0
1
–2
5
4
.
3
13
.
8
1
10
5
0
.
03
.
7
43
5
5
.
00
.
5
5
–
0
0
47
8
5
.
00
.
5
4
1
–1
3
0
.
80
.
6
94
6
0
.
08
.
1
44
5
3
.
08
.
8
6
–
0
0
61
7
5
.
03
.
3
6
1
–6
5
5
.
57
.
3
86
7
0
.
09
.
3
49
7
2
.
08
.
5
7
–
0
0
85
6
5
.
03
.
5
7
1
–9
4
2
.
48
.
4
78
8
0
.
06
.
5
48
4
2
.
00
.
1
8
–
0
0
0
17
5
5
.
05
.
5
7
15
2
4
.
36
.
6
62
0
1
.
06
.
6
40
4
2
.
02
.
4
8
–
0
0
2
14
5
5
.
08
.
7
6
14
8
8
.
23
.
9
56
1
1
.
00
.
7
40
4
2
.
06
.
8
8
–
0
0
4
10
5
5
.
02
.
1
6
10
8
4
.
26
.
2
59
2
1
.
04
.
7
43
4
2
.
02
.
3
9
–
0
0
6
17
4
5
.
08
.
4
5
12
8
1
.
26
.
6
46
4
1
.
02
.
6
44
5
2
.
07
.
6
9
–
0
0
8
13
4
5
.
05
.
8
4
14
6
9
.
12
.
0
40
6
1
.
02
.
5
47
6
2
.
07
.
9
9
–
0
0
0
21
4
5
.
08
.
2
4
14
6
7
.
13
.
4
38
7
1
.
06
.
3
49
7
2
.
09
.
3
0
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
0
6
.
01
.
8
8
–5
4
2
.
5
26
.
0
3
18
2
0
.
08
.
5
58
6
6
.
08
.
8
4
–
0
0
25
6
5
.
08
.
9
2
1
–6
9
3
.
6
11
.
9
0
19
3
0
.
04
.
8
48
2
4
.
00
.
9
6
–
0
0
42
5
5
.
02
.
0
6
1
–5
0
0
.
90
.
1
94
5
0
.
08
.
0
52
6
2
.
03
.
5
8
–
0
0
67
4
5
.
08
.
3
7
1
–1
2
1
.
60
.
1
89
6
0
.
05
.
4
58
0
2
.
06
.
3
9
–
0
0
85
4
5
.
08
.
6
7
15
2
6
.
42
.
3
76
8
0
.
02
.
5
52
9
1
.
07
.
9
9
–
0
0
0
11
4
5
.
02
.
9
6
17
1
7
.
38
.
5
63
0
1
.
03
.
5
55
8
1
.
08
.
3
0
1
–
0
0
2
17
3
5
.
04
.
2
6
19
2
1
.
33
.
9
51
2
1
.
09
.
3
50
9
1
.
06
.
7
0
1
–
0
0
4
15
3
5
.
06
.
6
5
17
8
6
.
28
.
2
58
3
1
.
07
.
2
57
9
1
.
01
.
1
1
1
–
0
0
6
11
3
5
.
06
.
0
5
14
7
3
.
25
.
7
46
5
1
.
04
.
0
56
0
2
.
07
.
3
1
1
–
0
0
8
19
2
5
.
09
.
4
4
10
3
1
.
24
.
1
43
7
1
.
04
.
8
46
1
2
.
00
.
7
1
1
–
0
0
0
25
2
5
.
04
.
9
3
19
1
9
.
16
.
5
31
9
1
.
00
.
6
49
2
2
.
04
.
9
1
1
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com