Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5502 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5502
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5502 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5502 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
High-Frequency Low-Noise
Amplifier Applications
Ordering number:ENN6279
2SC5502
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10700TS (KOTO) TA-1711 No.6279–1/6
0.65 0.65
0.5
0.65
0.6
0.3
0.15
0 to 0.1
2.0
1
2
3
4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2161
[2SC5502]
Features
· Low noise : NF=1.1dB typ (f=1GHz).
· High gain :
S21e2=12dB typ (f=1GHz).
· High cutoff frequency : fT=8GHz typ.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Emitter
2 : Collector
3 : Emitter
4 : Base
SANYO : MCP4
* : The 2SC5502 is classified by 30mA hFE as follows :
Continued on next page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
2
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
2V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
m
m
0
5
2
(
d
r
a
o
b
c
i
m
a
r
e
c
a
n
o
d
e
t
n
u
o
M
2
×
)
m
m
8
.
00
0
5W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
m
0
3
=
*
0
9*
0
7
2
h E
F 2V E
C
I
,
V
5
=
C
A
m
0
7
=
0
8
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
5
=
C
A
m
0
3
=
68
z
H
G
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
5
=
6
.
00
.
1F
p
g
n
i
k
r
a
MY
T
k
n
a
R4
5
h E
F
0
8
1
o
t
0
90
7
2
o
t
5
3
1


Similar Part No. - 2SC5502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5501 SANYO-2SC5501 Datasheet
46Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5501A-4-TR-E ONSEMI-2SC5501A-4-TR-E Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
More results

Similar Description - 2SC5502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
CPH6001 SANYO-CPH6001 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415A SANYO-2SC5415A_12 Datasheet
398Kb / 8P
High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com