Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5502 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5502
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5502 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5502 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5502 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5502
No.6279–5/6
VCE=5V, IC=1mA, ZO=50Ω
VCE=5V, IC=7mA, ZO=50Ω
VCE=5V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
19
6
9
.
02
.
2
2
–4
0
8
.
22
.
1
6
16
3
0
.
09
.
4
76
8
9
.
07
.
6
–
0
0
29
3
9
.
04
.
4
4
–3
9
2
.
22
.
6
4
16
6
0
.
03
.
2
68
4
9
.
09
.
3
1
–
0
0
41
9
8
.
00
.
1
8
–6
3
0
.
25
.
1
2
12
0
1
.
00
.
1
45
4
8
.
02
.
5
2
–
0
0
63
4
8
.
09
.
9
0
1
–1
1
8
.
14
.
1
0
17
1
1
.
09
.
7
24
1
8
.
00
.
0
3
–
0
0
87
8
7
.
00
.
4
3
1
–0
6
7
.
18
.
5
81
2
1
.
06
.
8
10
8
7
.
06
.
5
3
–
0
0
0
16
7
7
.
04
.
9
4
1
–2
4
3
.
15
.
2
77
1
1
.
06
.
3
10
3
7
.
08
.
1
4
–
0
0
2
19
3
7
.
05
.
4
6
1
–0
9
2
.
16
.
1
68
0
1
.
00
.
0
18
4
7
.
06
.
6
4
–
0
0
4
12
3
7
.
00
.
5
7
1
–2
0
1
.
16
.
1
59
9
0
.
00
.
0
16
7
7
.
06
.
1
5
–
0
0
6
10
3
7
.
05
.
5
7
13
5
9
.
08
.
3
40
9
0
.
09
.
4
13
8
7
.
02
.
7
5
–
0
0
8
12
1
7
.
00
.
6
6
17
8
7
.
07
.
4
33
8
0
.
05
.
9
11
8
7
.
08
.
2
6
–
0
0
0
22
0
7
.
05
.
7
5
13
7
7
.
01
.
8
26
8
0
.
09
.
2
34
7
7
.
06
.
8
6
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
19
0
8
.
04
.
3
4
–1
7
6
.
3
19
.
8
4
10
3
0
.
05
.
4
68
7
8
.
07
.
2
2
–
0
0
26
1
7
.
04
.
0
8
–9
7
9
.
1
11
.
7
2
16
4
0
.
07
.
0
57
9
6
.
07
.
5
3
–
0
0
42
1
6
.
09
.
6
2
1
–7
6
8
.
77
.
2
0
10
6
0
.
03
.
1
42
0
5
.
08
.
4
4
–
0
0
63
7
5
.
03
.
0
5
1
–6
0
7
.
51
.
8
88
6
0
.
07
.
1
42
2
4
.
07
.
7
4
–
0
0
89
5
5
.
09
.
4
6
1
–6
0
4
.
40
.
8
77
7
0
.
07
.
2
43
9
3
.
05
.
0
5
–
0
0
0
16
4
5
.
01
.
6
7
1
–0
5
5
.
31
.
9
66
8
0
.
08
.
4
45
7
3
.
07
.
3
5
–
0
0
2
12
4
5
.
01
.
5
7
10
1
0
.
33
.
1
65
9
0
.
00
.
6
49
7
3
.
03
.
7
5
–
0
0
4
18
3
5
.
05
.
7
6
10
6
5
.
20
.
4
56
0
1
.
05
.
7
48
7
3
.
06
.
1
6
–
0
0
6
15
3
5
.
07
.
0
6
10
8
2
.
28
.
7
49
1
1
.
03
.
8
46
8
3
.
08
.
5
6
–
0
0
8
13
3
5
.
08
.
3
5
16
3
0
.
20
.
1
41
3
1
.
09
.
7
44
9
3
.
02
.
0
7
–
0
0
0
29
2
5
.
07
.
7
4
16
3
8
.
16
.
4
35
4
1
.
00
.
8
49
0
4
.
04
.
4
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
4
7
.
09
.
1
5
–6
2
0
.
8
16
.
4
4
18
2
0
.
03
.
3
61
3
8
.
01
.
7
2
–
0
0
28
4
6
.
00
.
3
9
–3
7
1
.
4
17
.
2
2
11
4
0
.
07
.
0
59
2
6
.
07
.
0
4
–
0
0
45
6
5
.
03
.
6
3
1
–3
8
9
.
88
.
8
94
5
0
.
06
.
5
42
3
4
.
00
.
9
4
–
0
0
68
3
5
.
04
.
7
5
1
–2
8
2
.
69
.
5
84
6
0
.
04
.
6
44
6
3
.
01
.
1
5
–
0
0
80
3
5
.
04
.
0
7
1
–8
9
7
.
47
.
6
75
7
0
.
04
.
8
43
3
3
.
08
.
3
5
–
0
0
0
13
2
5
.
09
.
9
7
10
8
8
.
34
.
8
66
8
0
.
09
.
9
49
1
3
.
09
.
6
5
–
0
0
2
17
1
5
.
05
.
1
7
15
7
2
.
32
.
1
68
9
0
.
01
.
1
50
2
3
.
06
.
0
6
–
0
0
4
13
1
5
.
05
.
4
6
17
0
8
.
23
.
4
51
1
1
.
05
.
1
53
2
3
.
00
.
5
6
–
0
0
6
12
1
5
.
01
.
8
5
10
7
4
.
24
.
8
45
2
1
.
07
.
0
56
3
3
.
05
.
8
6
–
0
0
8
11
1
5
.
06
.
1
5
17
2
2
.
28
.
1
49
3
1
.
01
.
0
51
4
3
.
04
.
3
7
–
0
0
0
28
0
5
.
06
.
5
4
11
0
0
.
28
.
5
35
5
1
.
00
.
9
44
5
3
.
05
.
7
7
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com