Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9550BCPZ
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9550BCPZ Datasheet HTML 1Page - Analog Devices AD9550BCPZ Datasheet HTML 2Page - Analog Devices AD9550BCPZ Datasheet HTML 3Page - Analog Devices AD9550BCPZ Datasheet HTML 4Page - Analog Devices AD9550BCPZ Datasheet HTML 5Page - Analog Devices AD9550BCPZ Datasheet HTML 6Page - Analog Devices AD9550BCPZ Datasheet HTML 7Page - Analog Devices AD9550BCPZ Datasheet HTML 8Page - Analog Devices AD9550BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9550
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
×2 Frequency Multiplier
125
MHz
To avoid excessive reference spurs, the ×2 multiplier
requires 48% to 52% duty cycle; reference clock input
frequencies greater than 125 MHz require the use of
the divide-by-5 prescaler
VCO CHARACTERISTICS
Frequency Range
3350
4050
MHz
VCO Gain
45
MHz/V
VCO Tracking Range
±300
ppm
PLL Lock Time
Using the pin selected frequency settings; lock time is
from the rising edge of the RESET pin to the rising
edge of the LOCKED pin
Low Bandwidth Setting (170 Hz)
Applies for Pin A3 to Pin A0 = 0001 to 1100, or for Pin A3
to Pin A0 = 1111
13.3 kHz PFD Frequency
214
ms
16 kHz PFD Frequency
176
ms
Medium Bandwidth Setting (20 kHz)
Applies for Pin A3 to Pin A0 = 1110 and Pin Y5 to Pin Y0=
111111
1.5625 MHz PFD Frequency
2
ms
High Bandwidth Setting (75 kHz)
Applies for Pin A3 to Pin A0 = 1101 to 1110
2.64 MHz PFD Frequency
1.50
ms
4.86 MHz PFD Frequency
0.89
ms
1 The A3 to A0 and Y5 to Y0 pins have 100 kΩ internal pull-up resistors. The OM2 to OM0 pins have 40 kΩ pull-up resistors.
2 The RESET pin has a 100 kΩ internal pull-up resistor.
OUTPUT CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Differential Output Voltage Swing
690
800
890
mV
Output driver static (for dynamic performance see
Figure 15)
Common-Mode Output Voltage
VDD − 1.66 VDD − 1.34 VDD − 1.01 V
Output driver static
Frequency Range
0
810
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
255
305
ps
100 Ω termination between both pins of the output driver
LVDS MODE
Differential Output Voltage Swing
Output driver static (for dynamic performance see
Figure 15)
Balanced, V
OD
297
398
mV
Voltage swing between output pins; output driver static
Unbalanced, ΔV
OD
8.3
mV
Absolute difference between voltage swing of normal
pin and inverted pin; output driver static
Offset Voltage
Common Mode, V
OS
1.17
1.35
V
Output driver static
Common-Mode Difference, ΔV
OS
7.3
mV
Voltage difference between output pins; output driver
static
Short-Circuit Output Current
17
24
mA
Frequency Range
0
810
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
285
355
ps
100 Ω termination between both pins of the output
driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com