Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9550BCPZ
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9550BCPZ Datasheet HTML 5Page - Analog Devices AD9550BCPZ Datasheet HTML 6Page - Analog Devices AD9550BCPZ Datasheet HTML 7Page - Analog Devices AD9550BCPZ Datasheet HTML 8Page - Analog Devices AD9550BCPZ Datasheet HTML 9Page - Analog Devices AD9550BCPZ Datasheet HTML 10Page - Analog Devices AD9550BCPZ Datasheet HTML 11Page - Analog Devices AD9550BCPZ Datasheet HTML 12Page - Analog Devices AD9550BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9550
Rev. 0 | Page 9 of 20
–30
–25
–20
–15
–10
–5
0
5
10
100
1k
FREQUENCY OFFSET (Hz)
JITTER TRANSFER
–3
–1
–2
1
2
0
0
50
25
125
175
75
100
150
FREQUENCY OFFSET (Hz)
JITTER PEAKING
Figure 9. Jitter Transfer, Loop Bandwidth = 170 Hz
10
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
FREQUENCY OFFSET (Hz)
JITTER TRANSFER
Figure 10. Jitter Transfer, Loop Bandwidth = 20 kHz
–30
–25
–20
–15
–10
–5
0
5
10k
100k
1M
FREQUENCY OFFSET (Hz)
JITTER TRANSFER
–3
–1
–2
1
0
20
10
30
40
50
60
70
80
FREQUENCY OFFSET (kHz)
JITTER PEAKING
Figure 11. Jitter Transfer, Loop Bandwidth = 75 kHz
35
0
5
10
15
20
25
30
0
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS
Figure 12. Supply Current vs. Output Frequency,
LVPECL and LVDS (10 pF Load)
0
5
10
15
20
25
30
0
600
500
400
300
200
100
FREQUENCY (MHz)
10pF
20pF
5pF
Figure 13. Supply Current vs. Output Frequency,
CMOS (10 pF Load)
0
0.5
1.0
1.5
2.0
2.5
4.0
3.0
3.5
0
600
500
400
300
200
100
FREQUENCY (MHz)
10pF
20pF
5pF
Figure 14. Peak-to-Peak Output Voltage vs. Frequency, CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com