Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9550BCPZ
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9550BCPZ Datasheet HTML 1Page - Analog Devices AD9550BCPZ Datasheet HTML 2Page - Analog Devices AD9550BCPZ Datasheet HTML 3Page - Analog Devices AD9550BCPZ Datasheet HTML 4Page - Analog Devices AD9550BCPZ Datasheet HTML 5Page - Analog Devices AD9550BCPZ Datasheet HTML 6Page - Analog Devices AD9550BCPZ Datasheet HTML 7Page - Analog Devices AD9550BCPZ Datasheet HTML 8Page - Analog Devices AD9550BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9550
Rev. 0 | Page 3 of 20
SPECIFICATIONS
Minimum (min) and maximum (max) values apply for the full range of supply voltage and operating temperature variations. Typical (typ)
values apply for VDD = 3.3 V; TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
3.135
3.30
3.465
V
Pin 18, Pin 21, and Pin 28
POWER CONSUMPTION
Tested with both output channels active at maximum
output frequency; LVPECL and LVDS outputs use a 100 Ω
termination between both pins of the output driver
Total Current
162
185
mA
VDD Current By Pin
Pin 18
93
106
mA
Pin 21
LVDS Configured Output
35
41
mA
LVPECL Configured Output
36
42
mA
CMOS Configured Output
29
34
mA
Pin 28
LVDS Configured Output
35
41
mA
LVPECL Configured Output
36
42
mA
CMOS Configured Output
29
34
mA
LOGIC INPUT PINS
Input Characteristics1
Logic 1 Voltage, V
IH
1.02
V
For the CMOS inputs, a static Logic 1 results from either
a pull-up resistor or no connection
Logic 0 Voltage, V
IL
0.64
V
Logic 1 Current, I
IH
3
µA
Logic 0 Current, I
IL
17
µA
LOGIC OUTPUT PINS
Output Characteristics
Tested at 1 mA load current
Output Voltage High, V
OH
2.7
V
Output Voltage Low, V
OL
0.19
V
RESET Pin
Input Characteristics2
Input Voltage High, V
IH
1.96
V
Input Voltage Low, V
IL
0.85
V
Input Current High, I
INH
0.3
12.5
µA
Input Current Low, I
INL
31
43
µA
Minimum Pulse Width Low
150
µs
Tested with an active source driving the RESET pin
REFERENCE CLOCK INPUT CHARACTERISTICS
CMOS Single-Ended Input
Input Frequency Range
0.008
200
MHz
Input High Voltage
1.62
V
Input Low Voltage
0.52
V
Input Threshold Voltage
1.0
V
When ac coupling to the input receiver, the user must
dc bias the input to 1 V
Input High Current
0.04
µA
Input Low Current
0.03
µA
Input Capacitance
3
pF
Duty Cycle
Pulse width high and pulse width low establish the
bounds for duty cycle
Pulse Width Low
2
ns
Pulse Width High
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com