Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9550BCPZ
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9550BCPZ Datasheet HTML 1Page - Analog Devices AD9550BCPZ Datasheet HTML 2Page - Analog Devices AD9550BCPZ Datasheet HTML 3Page - Analog Devices AD9550BCPZ Datasheet HTML 4Page - Analog Devices AD9550BCPZ Datasheet HTML 5Page - Analog Devices AD9550BCPZ Datasheet HTML 6Page - Analog Devices AD9550BCPZ Datasheet HTML 7Page - Analog Devices AD9550BCPZ Datasheet HTML 8Page - Analog Devices AD9550BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9550
Rev. 0 | Page 5 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS MODE
Output Voltage High, V
OH
Output driver static
I
OH = 10 mA
2.8
V
I
OH = 1 mA
2.8
V
Output Voltage Low, V
OL
Output driver static
I
OL = 10 mA
0.5
V
I
OL = 1 mA
0.3
V
Frequency Range
0
200
MHz
3.3 V CMOS; output toggle rates in excess of the
maximum are possible, but with reduced amplitude
(see Figure 14)
Duty Cycle
45
55
%
At maximum output frequency
Rise/Fall Time1 (20% to 80%)
500
745
ps
3.3 V CMOS; 10 pF load
1 The listed values are for the slower edge (rise or fall).
JITTER CHARACTERISTICS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
Output
12 kHz to 20 MHz
LVPECL
1.31
ps rms
Input = 122.88 MHz, output = 155.52 MHz
1.28
ps rms
Input = 19.44 MHz, output = 245.76 MHz
0.89
ps rms
Input = 25 MHz, output = 125 MHz, Pin A3 to Pin A0 = 1110, Pin Y5
to Pin Y0 = 111111 (see Figure 3)
LVDS Output
1.32
ps rms
Input = 122.88 MHz, output = 155.52 MHz
1.29
ps rms
Input = 19.44 MHz, output = 245.76 MHz
CMOS Output
1.24
ps rms
Input = 122.88 MHz, output = 155.52 MHz
1.26
ps rms
Input = 19.44 MHz, output = 245.76 MHz, see Figure 14 regarding
CMOS toggle rates above 250 MHz
50 kHz to 80 MHz
Input = 122.88 MHz, output = 155.52 MHz
LVPECL
0.44
ps rms
Input = 122.88 MHz, output = 155.52 MHz
0.75
ps rms
Input = 19.44 MHz, output = 245.76 MHz
0.58
ps rms
Input = 25 MHz, output = 125 MHz, Pin A3 to Pin A0 = 1110, Pin Y5
to Pin Y0 = 111111 (see Figure 3)
LVDS
0.45
ps rms
Input = 122.88 MHz, output = 155.52 MHz
0.76
ps rms
Input = 19.44 MHz, output = 245.76 MHz
CMOS
0.39
ps rms
Input = 122.88 MHz, output = 155.52 MHz
0.44
ps rms
Input = 19.44 MHz, output = 245.76 MHz, see Figure 14 regarding
CMOS toggle rates above 250 MHz
JITTER TRANSFER BANDWIDTH
See the Typical Performance Characteristics section
Bandwidth Setting
Low
170
Hz
Medium
20
kHz
High
75
kHz
JITTER TRANSFER PEAKING
See the Typical Performance Characteristics section
Bandwidth Setting
Low
1.3
dB
Medium
0
dB
High
0.08
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com